Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T08 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T08
Description  5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T08 Datasheet HTML 8Page - STMicroelectronics M48T08 Datasheet HTML 9Page - STMicroelectronics M48T08 Datasheet HTML 10Page - STMicroelectronics M48T08 Datasheet HTML 11Page - STMicroelectronics M48T08 Datasheet HTML 12Page - STMicroelectronics M48T08 Datasheet HTML 13Page - STMicroelectronics M48T08 Datasheet HTML 14Page - STMicroelectronics M48T08 Datasheet HTML 15Page - STMicroelectronics M48T08 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Operation modes
M48T08, M48T08Y, M48T18
12/31
Doc ID 2411 Rev 10
Table 4.
WRITE mode AC characteristics
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.75 to 5.5 V or 4.5 to 5.5 V (except where noted).
M48T08/M48T18/T08Y
Unit
–100/–10 (T08Y)
–150/–15 (T08Y)
MinMax
MinMax
tAVAV
WRITE cycle time
100
150
ns
tAVWL
Address valid to WRITE enable low
0
0
ns
tAVE1L
Address valid to chip enable 1 low
0
0
ns
tAVE2H
Address valid to chip enable 2 high
0
0
ns
tWLWH
WRITE enable pulse width
80
100
ns
tE1LE1H
Chip enable 1 low to chip enable 1 high
80
130
ns
tE2HE2L
Chip enable 2 high to chip enable 2 low
80
130
ns
tWHAX
WRITE enable high to address transition
10
10
ns
tE1HAX
Chip enable 1 high to address transition
10
10
ns
tE2LAX
Chip enable 2 low to address transition
10
10
ns
tDVWH
Input valid to WRITE enable high
50
70
ns
tDVE1H
Input valid to chip enable 1 high
50
70
ns
tDVE2L
Input valid to chip enable 2 low
50
70
ns
tWHDX
WRITE enable high to input transition
5
5
ns
tE1HDX
Chip enable 1 high to input transition
5
5
ns
tE2LDX
Chip enable 2 low to input transition
5
5
ns
tWLQZ
WRITE enable low to output Hi-Z
50
70
ns
tAVWH
Address valid to WRITE enable high
80
130
ns
tAVE1H
Address valid to chip enable 1 high
80
130
ns
tAVE2L
Address valid to chip enable 2 low
80
130
ns
tWHQX
WRITE enable high to output transition
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com