Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T08 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M48T08
Description  5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M48T08 Datasheet HTML 10Page - STMicroelectronics M48T08 Datasheet HTML 11Page - STMicroelectronics M48T08 Datasheet HTML 12Page - STMicroelectronics M48T08 Datasheet HTML 13Page - STMicroelectronics M48T08 Datasheet HTML 14Page - STMicroelectronics M48T08 Datasheet HTML 15Page - STMicroelectronics M48T08 Datasheet HTML 16Page - STMicroelectronics M48T08 Datasheet HTML 17Page - STMicroelectronics M48T08 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Clock operations
M48T08, M48T08Y, M48T18
14/31
Doc ID 2411 Rev 10
3
Clock operations
3.1
Reading the clock
Updates to the TIMEKEEPER® registers should be halted before clock data is read to
prevent reading data in transition. The BiPORT™ TIMEKEEPER cells in the RAM array are
only data registers and not the actual clock counters, so updating the registers can be halted
without disturbing the clock itself.
Updating is halted when a '1' is written to the READ bit, the seventh bit in the control
register. As long as a '1' remains in that position, updating is halted. After a halt is issued,
the registers reflect the count; that is, the day, date, and the time that were current at the
moment the halt command was issued.
All of the TIMEKEEPER registers are updated simultaneously. A halt will not interrupt an
update in progress. Updating is within a second after the bit is reset to a '0.'
3.2
Setting the clock
The eighth bit of the control register is the WRITE bit. Setting the WRITE bit to a '1,' like the
READ bit, halts updates to the TIMEKEEPER registers. The user can then load them with
the correct day, date, and time data in 24-hour BCD format (on Table 5). Resetting the
WRITE bit to a '0' then transfers the values of all time registers (1FF9h-1FFFh) to the actual
TIMEKEEPER counters and allows normal operation to resume. The FT bit and the bits
marked as '0' in Table 5 must be written to '0' to allow for normal TIMEKEEPER and RAM
operation.
See the application note AN923, “TIMEKEEPER® rolling Into the 21st century” for
information on century rollover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com