Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T08 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M48T08
Description  5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M48T08 Datasheet HTML 18Page - STMicroelectronics M48T08 Datasheet HTML 19Page - STMicroelectronics M48T08 Datasheet HTML 20Page - STMicroelectronics M48T08 Datasheet HTML 21Page - STMicroelectronics M48T08 Datasheet HTML 22Page - STMicroelectronics M48T08 Datasheet HTML 23Page - STMicroelectronics M48T08 Datasheet HTML 24Page - STMicroelectronics M48T08 Datasheet HTML 25Page - STMicroelectronics M48T08 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
DC and AC parameters
M48T08, M48T08Y, M48T18
22/31
Doc ID 2411 Rev 10
Table 10.
Power down/up AC characteristics
Table 11.
Power down/up trip points DC characteristics
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.75 to 5.5 V or 4.5 to 5.5 V (except where
noted).
Min
Max
Unit
tPD
E1 or W at VIH or E2 at VIL before power-down
0
µs
tF
(2)
2.
VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring
until 200 µs after VCC passes VPFD (min).
VPFD (max) to VPFD (min) VCC fall time
300
µs
tFB
(3)
3.
VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
VPFD (min) to VSS VCC fall time
10
µs
tR
VPFD (min) to VPFD (max) VCC rise time
0
µs
tRB
VSS to VPFD (min) VCC rise time
1
µs
trec
E1 or W at VIH or E2 at VIL before power-up
1
ms
tPFX
INT low to auto deselect
10
40
µs
tPFH
VPFD (max) to INT high
120
µs
Symbol
Parameter(1)(2)
1.
All voltages referenced to VSS.
2.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.75 to 5.5 V or 4.5 to 5.5 V (except where
noted).
Min
Typ
Max
Unit
VPFD
Power-fail deselect voltage
M48T08
4.5
4.6
4.75
V
M48T18/T08Y
4.2
4.3
4.5
V
VSO
Battery backup switchover voltage
3.0
V
tDR
Expected data retention time
10(3)
3.
At 55 °C, VCC = 0 V; tDR = 8.5 years (typ) at 70 °C. Requires use of M4T32-BR12SH SNAPHAT
® top when
using the SOH28 package.
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com