Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD1030PDH6F Datasheet(PDF) 33 Page - STMicroelectronics

Part # STCD1030PDH6F
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1030PDH6F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STCD1030PDH6F Datasheet HTML 29Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 30Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 31Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 32Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 33Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 34Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 35Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 36Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
STCD1020, STCD1030, STCD1040
Package mechanical data
Doc ID 13823 Rev 6
33/40
Figure 38.
TDFN - 10-lead, 2 x 2.5 mm package outline
Table 11.
TDFN - 10-lead (2 x 2.5 mm) package mechanical data
Symbol
mm
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
D
2.50
BSC
0.098
BSC
E
2.00
BSC
0.079
BSC
e0.50
0.020
L
0.45
0.55
0.65
0.018
0.022
0.026
SIDE VIEW
D
TOP VIEW
BOTTOM VIEW
Pin#1 ID
PIN 1 INDEX AREA
0.10 C
0.10 C 2x
PIN 1 INDEX AREA
e
b
SEATING
PLANE
B
0.08 C
0.10
C A B
8070541_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com