Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD1030PDH6F Datasheet(PDF) 38 Page - STMicroelectronics

Part # STCD1030PDH6F
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1030PDH6F Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STCD1030PDH6F Datasheet HTML 32Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 33Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 34Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 35Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 36Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 37Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 38Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 39Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Part numbering
STCD1020, STCD1030, STCD1040
38/40
Doc ID 13823 Rev 6
9
Part numbering
Table 16.
Ordering information scheme
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
STCD
1020
R
DG
6
E
Device type
STCD = clock distribution
Channels
1020 = 2-channel
1030 = 3-channel(1)
1.
Contact local ST sales office for availability.
1040 = 4-channel
Operating voltage
R = 2.5 to 3.6 V
P = 1.65 to 2.75 V(1)
Package
DG = TDFN8 (2-channel)
DH = TDFN10 (3-channel)
DM = TDFN12 (4-channel)
Temperature range
6 = –40 °C to +85 °C
Shipping method
E = ECOPACK® package, tubes
F = ECOPACK® package, tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com