Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD1030PDH6F Datasheet(PDF) 37 Page - STMicroelectronics

Part # STCD1030PDH6F
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1030PDH6F Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STCD1030PDH6F Datasheet HTML 32Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 33Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 34Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 35Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 36Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 37Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 38Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 39Page - STMicroelectronics STCD1030PDH6F Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
STCD1020, STCD1030, STCD1040
Package mechanical data
Doc ID 13823 Rev 6
37/40
Figure 43.
Landing pattern – TDFN8 2 x 2 mm, TDFN10 2 x 2.5 mm, TDFN12 2 x 3 mm
Table 15.
Landing pattern parameters (TDFN8, TDFN10, TDFN12)
Parameter
Description
Dimension (mm)
Min
Nom
Max
L
Contact length
1.05
-
1.15
b
Contact width
0.25
-
0.30
E
Max landing pattern Y-direction
-
2.75
-
E1
Contact gap spacing
-
0.65
-
D1
Max landing pattern X-direction
TDFN8
-
1.75
-
D2
TDFN10
-
2.25
-
D3
TDFN12
-
2.75
-
P
Contact pitch
-
0.5
-
D1
D2
D3
P
L
b
E1
E
AM03072v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com