Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD1020RDM6F Datasheet(PDF) 15 Page - STMicroelectronics

Part # STCD1020RDM6F
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1020RDM6F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STCD1020RDM6F Datasheet HTML 11Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 12Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 13Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 14Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 15Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 16Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 17Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 18Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
STCD1020, STCD1030, STCD1040
Maximum ratings
Doc ID 13823 Rev 6
15/40
5
Maximum ratings
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 4.
Absolute maximum ratings (1.8 V supply)
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off)
–55 to 150
°C
TSLD
(1)
1.
Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds.
Lead solder temperature for 10 seconds
260
°C
TJ
Maximum junction temperature
150
°C
VCC
Supply voltage
–0.3 to 3.6
V
VIN
Input voltage level
–0.3 to 3.6
V
VEN
Voltage on enable pins
–0.3 to 3.6
V
θ
JA
Thermal resistance (junction to ambient)
TDFN8
149.0
°C/W
TDFN10
136.6
°C/W
TDFN12
132.4
°C/W
Table 5.
Absolute maximum ratings (2.8 V supply)
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off)
–55 to 150
°C
TSLD
(1)
1.
Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds.
Lead solder temperature for 10 seconds
260
°C
TJ
Maximum junction temperature
150
°C
VCC
Supply voltage
–0.3 to 6
V
VIN
Input voltage level
–0.3 to 6
V
VEN
Voltage on enable pins
–0.3 to 6
V
θ
JA
Thermal resistance (junction to ambient)
TDFN8
149.0
°C/W
TDFN10
136.6
°C/W
TDFN12
132.4
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com