Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD1020RDM6F Datasheet(PDF) 16 Page - STMicroelectronics

Part # STCD1020RDM6F
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1020RDM6F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STCD1020RDM6F Datasheet HTML 12Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 13Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 14Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 15Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 16Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 17Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 18Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 19Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
DC and AC parameters
STCD1020, STCD1030, STCD1040
16/40
Doc ID 13823 Rev 6
6
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow are derived from tests performed under the measurement conditions summarized in
Table 6. Designers should check that the operating conditions in their circuit match the
operating conditions when relying on the quoted parameters.
Table 6.
Operating and AC measurement conditions (1.8 V supply)
Parameter
Condition
Unit
VCC supply
1.65 to 2.75
V
Output clock voltage (CLK1…CLK4)
0 to VCC
V
Device enable voltage (EN1…EN4)
0 to VCC
V
Ambient operating temperature (TA)
–40 to +85
°C
Table 7.
DC and AC characteristics (1.8 V supply)
Symbol
Parameter
Condition(1)
Min
Typ
Max
Unit
fMCLK
Master clock (eg. from VCTCXO)
Sine wave/square wave
10
26
52
MHz
VCC
Supply voltage
1.65
1.8
2.75
V
Vin
Input clock voltage level(2)
0.75
1
Vpp
Vout
Output gain level(3)
CL = 10 pF
–1.5
–0.5
dB
IQ
Quiescent current(4)
2 buffers version
1.6
2.6
mA
3 buffers version
2.0
3.3
4 buffers version
2.6
4
IACT
Active current(5)
1 channel enabled
1.7
mA
2 channels enabled
2.2
3 channels enabled
2.7
4 channels enabled
3.2
ISB
Standby current
All buffers disabled
1
μA
RIN
Input resistance
At DC level
>100
k
Ω
CIN
Input capacitance
f = 26 MHz
3
4
pF
tr/f
Rise/fall time(6)
Vin = 1 Vpp, CL = 10 pF
Square wave input/output
25
ns
BW
Signal bandwidth(3)
Vin = 1 Vpp, –1 dB, CL = 10 pF
Sine wave input/output
52
MHz
VENH
Enable voltage high(7)
EN1~EN4
1.2
V
VENL
Enable voltage low(7)
EN1~EN4
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com