Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD1020RDM6F Datasheet(PDF) 5 Page - STMicroelectronics

Part # STCD1020RDM6F
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1020RDM6F Datasheet(HTML) 5 Page - STMicroelectronics

  STCD1020RDM6F Datasheet HTML 1Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 2Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 3Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 4Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 5Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 6Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 7Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 8Page - STMicroelectronics STCD1020RDM6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
STCD1020, STCD1030, STCD1040
List of figures
Doc ID 13823 Rev 6
5/40
Figure 30.
STCD10x0 recovery time from standby to active (STCD1040, 1.8 V version,
EN2=EN3=EN4=0, measure CLK1 when EN1 from 0 to 1) . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 31.
STCD10x0 buffer recovery time from off to on (STCD1040, 1.8 V version,
EN2 =EN3=EN4=1, measure CLK1 when EN1 from 0 to 1). . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 32.
Sine wave input clock vs. output clock (STCD1040, 1.8 V version, 26 MHz sine wave
master clock input from TCXO) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 33.
Rise and fall time for square wave output (STCD1040, 1.8 V version,
10 MHz square wave master clock input, CL = 20 pF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 34.
Input clock phase noise (STCD1040, 1.8 V version, 26 MHz master clock
input from TCXO) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 35.
Output clock phase noise (STCD1040, 1.8 V version, this phase noise includes the
additive phase noise from TCXO and STCD1040) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 36.
Clock bandwidth (STCD1040, 1.8 V version, CL = 10 pF) . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 37.
TDFN - 8-lead, 2 x 2 mm package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 38.
TDFN - 10-lead, 2 x 2.5 mm package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 39.
TDFN - 12-lead, 2 x 3 mm package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 40.
Carrier tape for TDFN8, TDFN10, and TDFN12 packages. . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 41.
DG package topside marking information (TDFN8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 42.
DH and DM package topside marking information (TDFN10 and TDFN12). . . . . . . . . . . . 36
Figure 43.
Landing pattern – TDFN8 2 x 2 mm, TDFN10 2 x 2.5 mm, TDFN12 2 x 3 mm . . . . . . . . . 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com