Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST715M18R Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST715M18R
Description  High input voltage - 85 mA LDO linear regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715M18R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST715M18R Datasheet HTML 4Page - STMicroelectronics ST715M18R Datasheet HTML 5Page - STMicroelectronics ST715M18R Datasheet HTML 6Page - STMicroelectronics ST715M18R Datasheet HTML 7Page - STMicroelectronics ST715M18R Datasheet HTML 8Page - STMicroelectronics ST715M18R Datasheet HTML 9Page - STMicroelectronics ST715M18R Datasheet HTML 10Page - STMicroelectronics ST715M18R Datasheet HTML 11Page - STMicroelectronics ST715M18R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Output voltage selection for adjustable version
ST715XX, ST715XX25, ST715XX33
8/19
Doc ID 14414 Rev 7
5
Output voltage selection for adjustable version
The ST715xx features an adjustable output voltage using two external resistors connected
as a voltage divider to the FB pin as shown in the typical application circuit Figure 4. The
output voltage is set using the following equation:
Equation 1
VOUT = VFB (1 + R1/R2)
where typically VFB = 1.2 V. Choose R2 ≥ 5 kΩ in order to optimize quiescent current,
accuracy, and high-frequency power-supply rejection. To simplify resistor selection use the
following equation:
Equation 2
R1 = R2 x (VOUT/VFB - 1)
5.1
External capacitor requirements
A 0.1 µF or larger input bypass capacitor, connected between IN and GND and located
close to the device, is recommended to improve transient response and noise rejection of
the power supply as a whole. A higher-value input capacitor may be necessary if large, fast-
rise-time load transients will be present in the application and if the device is located several
inches away from the power source.
The ST715xx requires an output capacitor connected between OUT and GND to stabilize
the internal control loop. Any capacitor (including ceramic and tantalum) with a value higher
than 0.47 µF will properly stabilize this loop.
5.2
Power dissipation and junction temperature
To ensure reliable operation, worst-case junction temperature should not exceed 125 °C.
This restriction limits the power dissipation the regulator can handle in any given application.
To ensure that the junction temperature is within acceptable limits, calculate the maximum
allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than or
equal to PD(max).
The maximum power dissipation limit is determined using the following equation:
Equation 3
PD(max) = (TJMAX - TA) / RthJA
where:
TJMAX is the maximum allowable junction temperature.
RthJA is the thermal resistance junction-to-ambient for the package.
TA is the ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com