Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST715M18R Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST715M18R
Description  High input voltage - 85 mA LDO linear regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715M18R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST715M18R Datasheet HTML 8Page - STMicroelectronics ST715M18R Datasheet HTML 9Page - STMicroelectronics ST715M18R Datasheet HTML 10Page - STMicroelectronics ST715M18R Datasheet HTML 11Page - STMicroelectronics ST715M18R Datasheet HTML 12Page - STMicroelectronics ST715M18R Datasheet HTML 13Page - STMicroelectronics ST715M18R Datasheet HTML 14Page - STMicroelectronics ST715M18R Datasheet HTML 15Page - STMicroelectronics ST715M18R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Typical performance characteristics
ST715XX, ST715XX25, ST715XX33
12/19
Doc ID 14414 Rev 7
Figure 11.
Quiescent current vs. input voltage Figure 12.
Load transient
CIN=COUT=1µF, VEN =VIN=24V IOUT=from 1mA to 85mA
tR=tF=5µS
Figure 13.
Line transient
Figure 14.
Enable transient
COUT=1µF; VIN=VEN=from 4.3 to 22V; IOUT=1mA; tR=tF=5µs
CIN= COUT=1µF, VEN=VIN=0 to 4.3V, IOUT=1mA
V
IN=VINH, IOUT=1mA, VOUT=3.3V
0
1
2
3
4
5
0
5
10
15
20
25
V
IN [V]
V
IN=VINH, IOUT=1mA, VOUT=3.3V
0
1
2
3
4
5
0
5
10
15
20
25
V
IN [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com