Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST715M18R Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST715M18R
Description  High input voltage - 85 mA LDO linear regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715M18R Datasheet(HTML) 5 Page - STMicroelectronics

  ST715M18R Datasheet HTML 1Page - STMicroelectronics ST715M18R Datasheet HTML 2Page - STMicroelectronics ST715M18R Datasheet HTML 3Page - STMicroelectronics ST715M18R Datasheet HTML 4Page - STMicroelectronics ST715M18R Datasheet HTML 5Page - STMicroelectronics ST715M18R Datasheet HTML 6Page - STMicroelectronics ST715M18R Datasheet HTML 7Page - STMicroelectronics ST715M18R Datasheet HTML 8Page - STMicroelectronics ST715M18R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ST715XX, ST715XX25, ST715XX33
Maximum ratings
Doc ID 14414 Rev 7
5/19
3
Maximum ratings
Note:
Absolute maximum ratings are the values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage
from -0.3 to 26
V
VOUT
DC output voltage
From -0.3 to VIN+0.3
V
ADJ
Adjust pin
4
V
IOUT
Continuous output current
According to package
power dissipation
A
VESD
ESD ratings
± 2
kV
PD
Power dissipation DFN package
5
W
Power dissipation SOT23-5 package
1
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
-40 to 125
°C
Table 5.
Thermal data
Symbol
Parameter
SOT23-5L
DFN8
Unit
RthJA
Thermal resistance junction-ambient
255
52
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com