Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STHDLS101
Description  AC coupled HDMI level shifter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STHDLS101 Datasheet HTML 10Page - STMicroelectronics STHDLS101 Datasheet HTML 11Page - STMicroelectronics STHDLS101 Datasheet HTML 12Page - STMicroelectronics STHDLS101 Datasheet HTML 13Page - STMicroelectronics STHDLS101 Datasheet HTML 14Page - STMicroelectronics STHDLS101 Datasheet HTML 15Page - STMicroelectronics STHDLS101 Datasheet HTML 16Page - STMicroelectronics STHDLS101 Datasheet HTML 17Page - STMicroelectronics STHDLS101 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Maximum ratings
STHDLS101
14/25
5.1
Recommended operating conditions
5.1.1
Power supply and temperature range
5.1.2
Differential inputs (IN_D signals)
Table 7.
Power supply and temperature range
Symbol
Parameter
Comments
Min
Typ
Max
Unit
VCC33
3.3 V power supply
3.0
3.3
3.6
V
ICC
Maximum power supply current
Total current from VCC
3.3 V power supply
100
mA
T
Operating temperature range
-40
85
oC
Table 8.
Differential input characteristics for IN_D signals
Symbol
Parameter
Comments
Min
Typ
Max
Unit
Tbit
Unit interval
Tbit is determined by the
display mode. Nominal bit
rate ranges from 250 Mbps
to 2.5 Gbps per lane.
Nominal Tbit at
2.5 Gbps = 400 ps. 360 ps
= 400 ps – 10%
360
ps
VRX-DIFFp-p
Differential input peak to peak
voltage
VRX-DIFFp-p=2*|VRX-D+ -
VRX-D-|. Applies to IN_D
signals.
0.175
1.2
V
TRX-EYE
Minimum eye width at IN_D input
pair
The level shifter may add a
maximum of 0.02UI jitter
0.8
Tbit
VCM-AC-pp
AC peak common mode input
voltage
VCM-AC-pp=|VRX-D+ +
VRX-D-|/2 – VRX-CM-DC.
VRX-CM-DC=DC(avg) of
|VRX-D+ + VRX-D-|/2
VCM-AC-pp includes all
frequencies above 30 kHz.
100
mV
ZRX-DC
DC single-ended input impedance
Applies to IN_D+ as well as
IN_D- pins
(50
Ω ± 20% tolerance)
40
50
60
Ω
VRX-Bias
RX input termination voltage
Intended to limit power-up
stress on chipset’s PCIE
output buffers
02
V
ZRX-HIGH-Z
Single-ended input resistance for
IN_Dx when inputs are in high-Z
state
Differential inputs must be
in a high impedance state
100
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com