Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STHDLS101
Description  AC coupled HDMI level shifter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STHDLS101 Datasheet HTML 13Page - STMicroelectronics STHDLS101 Datasheet HTML 14Page - STMicroelectronics STHDLS101 Datasheet HTML 15Page - STMicroelectronics STHDLS101 Datasheet HTML 16Page - STMicroelectronics STHDLS101 Datasheet HTML 17Page - STMicroelectronics STHDLS101 Datasheet HTML 18Page - STMicroelectronics STHDLS101 Datasheet HTML 19Page - STMicroelectronics STHDLS101 Datasheet HTML 20Page - STMicroelectronics STHDLS101 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
STHDLS101
Maximum ratings
17/25
5.4
DDC input and output chatacteristics
Table 11.
SDA_SOURCE, SCL_SOURCE and SDA_SINK, SCL_SINK characteristics
Symb
ol
Parameter
Comment
Min
Typ
Max
Unit
VI
Input voltage on SDA_SINK, SCL_SINK pins
Voltage on the DDC pins on
connector end
05.5
V
ILKG
Input leakage current on SDA_SINK, SCL_SINK
pins
VCC =3.3 V
VI =0.1 VDD to 0.9 VDD to
isolated DDC inputs
VDD = external pull-up
resistor voltage on
SDA_SINK and SCL_SINK
inputs (maximum of 5.5 V)
-10
10
µA
IOFF
Power-down leakage current on SDA_SINK,
SCL_SINK pins
VCC =0.0 V
VI =0.1 VDD to 0.9 VDD to
DDC sink inputs
VDD = external pull-up
resistor voltage on
SDA_SINK and SCL_SINK
inputs (maximum of 5.5 V)
SDA_SOURCE,
SCL_SOURCE = 0.0 V
-10
10
µA
CI/O
Input/output capacitance (switch off)
VI(pp) =1V, 100KHz
VCC = 3.3 V, T = 25
° C
5pF
CI/O
Input/output capacitance (switch on)
VI(pp) =1V, 100KHz
VCC = 3.3 V, T = 25
° C
10
pF
RON
Switch resistance
IO=3 mA, VO =0.4 V
VCC =3.3 V
27
40
Ω
TPD
DDC_SINK to DDC_SOURCE propagation delay
Time from DDC_SINK
changing state to
DDC_SOURCE changing
state while the pass gate is
enabled.
CL=10 pF
RPU=1.5 K (min), 2.0 K
(max)
815
ns
TSX
Switch time from DDC_EN to the valid state on
DDC_SOURCE
CL =10 pF
RPU = 1.5 K (min), 2.0 K
(max)
815
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com