Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STHDLS101
Description  AC coupled HDMI level shifter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STHDLS101 Datasheet HTML 11Page - STMicroelectronics STHDLS101 Datasheet HTML 12Page - STMicroelectronics STHDLS101 Datasheet HTML 13Page - STMicroelectronics STHDLS101 Datasheet HTML 14Page - STMicroelectronics STHDLS101 Datasheet HTML 15Page - STMicroelectronics STHDLS101 Datasheet HTML 16Page - STMicroelectronics STHDLS101 Datasheet HTML 17Page - STMicroelectronics STHDLS101 Datasheet HTML 18Page - STMicroelectronics STHDLS101 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
STHDLS101
Maximum ratings
15/25
5.2
TMDS outputs (OUT_D signals)
The level shifter’s TMDS outputs are required to meet the HDMI 1.3 specifications. The
HDMI 1.3 specification is assumed to be the correct reference in instances where this
document conflicts with the HDMI 1.3 specification.
Table 9.
Differential output characteristics for TMDS OUT_D signals
Symbol
Parameter
Comments
Min
Typ
Max
Unit
VH
Single-ended
high level output
voltage
AVCC is the DC
termination voltage in the
HDMI or DVI sink. AVCC is
nominally 3.3 V
AVCC-10 mV
AVCC
AVCC+10 mV
V
VL
Single-ended low
level output
voltage
The open-drain output
pulls down form AVCC
AVCC-600 mV
AVCC-500 mV AVCC-400 mV
V
VSWING
Single-ended
output swing
voltage
Swing down from TMDS
termination voltage
(3.3 V±10%)
400 mV
500 mV
600 mV
V
IOFF
Single-ended
current in high-Z
state
Measured with TMDS
outputs pulled up to AVCC
max (3.6 V) through 50
resistors
10
µA
TR
Rise time
Maximum rise/fall time @
2.7 Gbps = 148 ps.
125 ps = 148 – 15%
125 ps
0.4 Tbit
ps
TF
Fall time
Maximum rise/fall time @
2.7 Gbps = 148 ps.
125 ps = 148 – 15%
125 ps
0.4 Tbit
ps
TSKEW-
INTRA
Intra-pair
differential skew
This differential skew
budget is in addition to the
skew presented between
D+ and D- paired input
pins.
10
ps
TSKEW-
INTER
Inter-pair lane to
lane output skew
This lane-to-lane skew
budget is in addition to the
skew between differential
input pairs.
250
ps
TJIT
Jitter added to
TMDS signals
Jitter budget for TMDS
signals as they pass
through the level shifter.
7.4 ps = 0.02 Tbit at
2.7 Gbps
7.4
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com