Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP720F Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # BFP720F
Description  C Heterojunction Wideband RF Bipolar Transistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720F Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button BFP720F Datasheet HTML 18Page - Infineon Technologies AG BFP720F Datasheet HTML 19Page - Infineon Technologies AG BFP720F Datasheet HTML 20Page - Infineon Technologies AG BFP720F Datasheet HTML 21Page - Infineon Technologies AG BFP720F Datasheet HTML 22Page - Infineon Technologies AG BFP720F Datasheet HTML 23Page - Infineon Technologies AG BFP720F Datasheet HTML 24Page - Infineon Technologies AG BFP720F Datasheet HTML 25Page - Infineon Technologies AG BFP720F Datasheet HTML 26Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
BFP720F
Electrical Characteristics
Data Sheet
22
Revision 1.0, 2009-03-13
Figure 11
Source Impedance
Z
opt for NFmin vs. Frequency, VCE = 3 V, IC = 5 mA / 13 mA
Figure 12
Noise Figure
NF
min = f (IC), VCE = 3 V, ZS = Zopt
10.0
5.0
3.
0
4.0
-0.
2
-0
.4
Swp Max
10GHz
Swp Min
0.45GHz
10GHz
5.5GHz
2.4GHz
1.9GHz
Δ: Ic = 13mA
: Ic = 5mA
Δ: Ic = 13mA
: Ic = 5mA
1.9GHz
2.4GHz
5.5GHz
0.45GHz
0.9GHz
10.0
5.0
3.
0
4.0
-0.
2
-0
.4
Swp Max
10GHz
Swp Min
0.45GHz
10GHz
5.5GHz
2.4GHz
1.9GHz
Δ: Ic = 13mA
: Ic = 5mA
Δ: Ic = 13mA
: Ic = 5mA
1.9GHz
2.4GHz
5.5GHz
0.45GHz
0.9GHz
0
2
4
6
8
10
12
14
16
18
20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
I
c
[mA]
f = 0.45GHz
f = 2.4GHz
f = 1.9GHz
f = 10GHz
f = 5.5GHz
f = 0.9GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com