Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC080P03LSG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSC080P03LSG
Description  OptiMOS??P Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC080P03LSG Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSC080P03LSG Datasheet HTML 1Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 2Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 3Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 4Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 5Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 6Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 7Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 8Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BSC080P03LS G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
4620
6140
pF
Output capacitance
C oss
-
1430
1900
Reverse transfer capacitance
C rss
-
1200
1800
Turn-on delay time
t d(on)
-
13.5
20.3
ns
Rise time
t r
-
87.0
130.5
Turn-off delay time
t d(off)
-
79.0
118.5
Fall time
t f
-
108.0
162.0
Gate Charge Characteristics
3)
Gate to source charge
Q gs
-
-12.7
-16.8
nC
Gate charge at threshold
Q g(th)
-
-7.1
-9.5
Gate to drain charge
Q gd
-
-34.3
-51.4
Switching charge
Q sw
-
-39.8
-58.8
Gate charge total
Q g
-
-92.0
-122.4
Gate plateau voltage
V plateau
-
-2.8
-
V
Output charge
Q oss
V DD=-15 V, V GS=0 V
-
25.6
34.0
Reverse Diode
Diode continous forward current
I S
-
-
30.0
A
Diode pulse current
I S,pulse
-
-
-120
Diode forward voltage
V SD
V GS=0 V, I F=-30 A,
T j=25 °C
-
-0.9
-1.2
V
Reverse recovery time
t rr
V R=15 V, I F=|I S|,
di F/dt =100 A/µs
-35
44
ns
Reverse recovery charge
Q rr
-
28.0
-
nC
T C=25 °C
Values
V GS=0 V, V DS=-15 V,
f =1 MHz
V DD=-15 V, V GS=-
10 V, I D=-30 A,
R G=6 Ω
V DD=-24 V, I D=30 A,
V GS=0 to -10 V
Rev. 1.04
page 3
2010-05-04



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com