Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC080P03LSG Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSC080P03LSG
Description  OptiMOS??P Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC080P03LSG Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSC080P03LSG Datasheet HTML 1Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 2Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 3Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 4Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 5Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 6Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 7Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 8Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BSC080P03LS G
1 Power dissipation
2 Drain current
P tot=f(T C); t p≤10 s
I D=f(T C); |V GS|≥10 V; t p≤10 s
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C
1); D =0
Z thJS=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
100 µs
1 ms
10 ms
DC
10
2
10
1
10
0
10
-1
10
2
10
1
10
0
10
-1
10
-2
0.01
0.1
1
10
100
1000
0.1
1
10
100
-V DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
1
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
1
10
0
10
-1
10
-2
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
t p [s]
0
10
20
30
40
50
60
70
80
90
100
0
40
80
120
160
T C [°C]
0
4
8
12
16
20
24
28
32
0
40
80
120
160
T C [°C]
Rev. 1.04
page 4
2010-05-04



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com