Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC080P03LSG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSC080P03LSG
Description  OptiMOS??P Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC080P03LSG Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSC080P03LSG Datasheet HTML 1Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 2Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 3Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 4Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 5Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 6Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 7Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 8Page - Infineon Technologies AG BSC080P03LSG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BSC080P03LS G
OptiMOS™-P Power-Transistor
Features
• P-Channel
• Enhancement mode
• Logic level
• 150°C operating temperature
• Avalanche rated; RoHS compliant
• Vgs=25V, specially suited for notebook applications
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
A
T C=70 °C
T A=25 °C
1)
Pulsed drain current
I D,pulse
T C=25 °C
2)
Avalanche energy, single pulse
E AS
I D=-30 A, R GS=25 Ω
mJ
Gate source voltage
V GS
V
Power dissipation
P tot
T C=25 °C
W
T A=25 °C
1)
Operating and storage temperature
T j, T stg
°C
ESD class
JESD22-A114-HBM
Soldering temperature
IEC climatic category; DIN IEC 68-1
55/150/56
-55 ... 150
±25
2.5
-16
89
260 °C
Value
248
-120
-30
-30
1C (1kV-2kV)
V DS
-30
V
R DS(on),max
8
m
Ω
I D
-30
A
Product Summary
PG-TDSON-8
Type
Package
BSC080P03LS G
PG-TDSON-8
Marking
Lead free
Packing
080P03LS
Yes
Dry
Rev. 1.04
page 1
2010-05-04


Similar Part No. - BSC080P03LSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC080N03LSG INFINEON-BSC080N03LSG Datasheet
390Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.25 2009-11-03
BSC080N03LSG INFINEON-BSC080N03LSG Datasheet
526Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 2.1 2013-05-17
BSC080N03LSG INFINEON-BSC080N03LSG_13 Datasheet
526Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 2.1 2013-05-17
BSC080N03MSG INFINEON-BSC080N03MSG Datasheet
299Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev.1.15 2009-11-03
logo
Analog Devices
BSC080N03MSG AD-BSC080N03MSG Datasheet
2Mb / 40P
Synchronous Buck Controller
REV. A
More results

Similar Description - BSC080P03LSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD50P03L INFINEON-SPD50P03L Datasheet
77Kb / 8P
OptiMOS-P Power - Transistor
2001-12-06
IPP80P03P3L-04 INFINEON-IPP80P03P3L-04 Datasheet
226Kb / 4P
OptiMOS-P Power-Transistor
2004-03-04
BSO201SPH INFINEON-BSO201SPH Datasheet
319Kb / 9P
OptiMOS P-Power-Transistor
Rev.1.32 2009-12-21
BSO203PH INFINEON-BSO203PH Datasheet
321Kb / 9P
OptiMOS P-Power-Transistor
Rev.1.31 2010-02-15
BSO203SPH INFINEON-BSO203SPH Datasheet
303Kb / 9P
OptiMOS P-Power-Transistor
Rev.1.31 2010-02-10
BSO207PH INFINEON-BSO207PH Datasheet
321Kb / 9P
OptiMOS P-Power-Transistor
Rev.1.3 2010-01-21
BSO211PH INFINEON-BSO211PH Datasheet
321Kb / 9P
OptiMOS P-Power-Transistor
Rev.1.3 2010-02-10
BSO301SPH INFINEON-BSO301SPH Datasheet
331Kb / 9P
OptiMOS-P Power-Transistor
Rev. 1.32 2010-05-12
BSO303SPH INFINEON-BSO303SPH Datasheet
338Kb / 9P
OptiMOS-P Power-Transistor
Rev. 1.1 2010-05-12
SPD50P03LG INFINEON-SPD50P03LG Datasheet
633Kb / 9P
OptiMOS-P Power-Transistor
Rev. 1.8 2008-07-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com