Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP742R Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BSP742R
Description  Smart High-Side Power Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP742R Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BSP742R Datasheet HTML 4Page - Infineon Technologies AG BSP742R Datasheet HTML 5Page - Infineon Technologies AG BSP742R Datasheet HTML 6Page - Infineon Technologies AG BSP742R Datasheet HTML 7Page - Infineon Technologies AG BSP742R Datasheet HTML 8Page - Infineon Technologies AG BSP742R Datasheet HTML 9Page - Infineon Technologies AG BSP742R Datasheet HTML 10Page - Infineon Technologies AG BSP742R Datasheet HTML 11Page - Infineon Technologies AG BSP742R Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet
8
V1.3, 2008-02-06
Smart High-Side Power Switch
BSP742R
7HUPV
,QGXFWLYHDQGRYHUYROWDJHRXWSXWFODPS
352)(7
9
,1
67
287
*1'
EE
967
9 ,1
,67
,,1
9
EE
,EE
,/
9287
,*1'
921
5*1'
9EE
287
*1'
9=
921
921 FODPSHGWR 9W\S
2YHUYROWDJHSURWHFWLRQRIORJLFSDUW
,QSXWFLUFXLW (6'SURWHFWLRQ
,1
*1'
,
5
='
,,
,
(6'
7KHXVHRI(6']HQHUGLRGHVDVYROWDJHFODPS
DW'&FRQGLWLRQVLVQRWUHFRPPHQGHG
9= 9W\S9= 9EE $= 9W\S
5, NΩ W\S5*1' Ω
5HYHUVHEDWWHU\SURWHFWLRQ
6WDWXVRXWSXW
*1'
/RJLF
67
5
,1
67
“9
287
/
5
3RZHU*1'
*1'
5
6LJQDO*1'
3RZHU
,QYHUVH
,
5
9EE

'LRGH
67
*1'
(6'
='
9
567 21
5*1' Ω5, NΩ W\S
7HPSHUDWXUHSURWHFWLRQLVQRWDFWLYHGXULQJ
LQYHUVHFXUUHQW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com