Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP742R Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # BSP742R
Description  Smart High-Side Power Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP742R Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button BSP742R Datasheet HTML 11Page - Infineon Technologies AG BSP742R Datasheet HTML 12Page - Infineon Technologies AG BSP742R Datasheet HTML 13Page - Infineon Technologies AG BSP742R Datasheet HTML 14Page - Infineon Technologies AG BSP742R Datasheet HTML 15Page - Infineon Technologies AG BSP742R Datasheet HTML 16Page - Infineon Technologies AG BSP742R Datasheet HTML 17Page - Infineon Technologies AG BSP742R Datasheet HTML 18Page - Infineon Technologies AG BSP742R Datasheet HTML 19Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Data Sheet
16
V1.3, 2008-02-06
Smart High-Side Power Switch
BSP742R
,1
67
/
W
,
/ 6 & U
,
, / 6 & S
9 28 7
2 X WSXW V K R U W WR * 1'
W G 6 7
,1
67
/
W
,
/ 6 & U
,
9 28 7
2 X WS X WV K R UWWR * 1'
QRUP D O
RSHUDWLR Q
)LJXUH 8QGHUYROWDJHUHVWDUWRIFKDUJHSXPS
+HDWLQJXSRIWKHFKLSPD\UHTXLUHVHYHUDOPLOOLVHFRQGVGHSHQGLQJ
RQH[WHUQDOFRQGLWLRQV
9RQ
9EE XQGHU
9EE XFS
9EE
)LJXUH2YHUWHPSHUDWXUH
5HVHWLI7M 7MW
67
-
W
7
,1
,/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com