Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP742R Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BSP742R
Description  Smart High-Side Power Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP742R Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BSP742R Datasheet HTML 5Page - Infineon Technologies AG BSP742R Datasheet HTML 6Page - Infineon Technologies AG BSP742R Datasheet HTML 7Page - Infineon Technologies AG BSP742R Datasheet HTML 8Page - Infineon Technologies AG BSP742R Datasheet HTML 9Page - Infineon Technologies AG BSP742R Datasheet HTML 10Page - Infineon Technologies AG BSP742R Datasheet HTML 11Page - Infineon Technologies AG BSP742R Datasheet HTML 12Page - Infineon Technologies AG BSP742R Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
9
V1.3, 2008-02-06
Smart High-Side Power Switch
BSP742R
2SHQORDGGHWHFWLRQ
2))VWDWHGLDJQRVWLFFRQGLWLRQ
9287 !9W\S,1 ORZ
9EE GLVFRQQHFWZLWKFKDUJHGLQGXFWLYH
ORDG
352)(7
9
,1
67
287
*1'
EE
9EE
KLJK
2SHQORDG
GHWHFWLRQ
/RJLF
XQLW
9 287
6LJQDO*1'
, / 2/
2))
*1'GLVFRQQHFW
352)(7
9
,1
67
287
*1'
EE
9EE 9,1 967
9*1'
,QGXFWLYH/RDGVZLWFKRIIHQHUJ\
GLVVLSDWLRQ
352)(7
9
,1
67
287
*1'
EE
(
(
(
($6
EE
/
5
(/RDG
5/
/
^/=
*1'GLVFRQQHFWZLWK*1'SXOOXS
352)(7
9
,1
67
287
*1'
EE
9EE
9*1'
9,1967
(QHUJ\VWRUHGLQORDGLQGXFWDQFH(/ ò/,/
:KLOHGHPDJQHWL]LQJORDGLQGXFWDQFH
WKHHQpUJ\GLVVLSDWHGLQ352)(7LV
($6 (EE (/ (5
921 &/ L/ W GW
ZLWKDQDSSUR[LPDWHVROXWLRQIRU5/ !Ω
(
,/
5
99
,5
9
$6
/
/
EE
2 8 7 & /
//
287 & /
=+
+
_
OQ
__
_





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com