Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6389 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6389 Datasheet HTML 1Page - Infineon Technologies AG TLE6389 Datasheet HTML 2Page - Infineon Technologies AG TLE6389 Datasheet HTML 3Page - Infineon Technologies AG TLE6389 Datasheet HTML 4Page - Infineon Technologies AG TLE6389 Datasheet HTML 5Page - Infineon Technologies AG TLE6389 Datasheet HTML 6Page - Infineon Technologies AG TLE6389 Datasheet HTML 7Page - Infineon Technologies AG TLE6389 Datasheet HTML 8Page - Infineon Technologies AG TLE6389 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
P DSO 14 38911 1
Step-Down DC/DC Controller
TLE 6389
Datasheet Rev. 2.1
1
2007-08-13
1Overview
1.1
Features
• Input voltage range from < 5V up to 60V
• Output voltage: 5V fixed or adjustable (7V to 15V)
• Output voltage accuracy: 3%
• Output current up to 2.3A
• 100% maximum duty cycle
• Less than 120µA quiescent current at low loads1)
• 2µA max. shutdown current at device off (TLE 6389-2 GV)
• Fixed 360kHz switching frequency
• Frequency synchronization input for external clocks
• Current Mode control scheme
• Integrated output under voltage Reset circuit
• On chip low battery detector (on chip comparator)
• Automotive temperature range -40°C to 150 °C
• Green Product (RoHS compliant)
• AEC qualified
1) dependend on external components
Type
Package
Description
TLE 6389-2 GV
PG-DSO-14-1
adjustable
TLE 6389-2 GV50
PG-DSO-14-1
5V, RO-Hysteresis <<
TLE 6389-3 GV50
PG-DSO-14-1
5V, RO-Hysteresis 1V
M1
D1
COUT =
100
µF
V
OUT
C
BDS=
220 nF
V
IN
L1 = 47 µH
GDRV
BDS
FB
GND
SI_ENABLE
VS
CIN1=
100
µF
ON OFF
CS
R
SENSE=
47m
Ω
M1: Infineon BSO613SPV
Infineon BSP613P
D1:
Motorola MBRD360
L1:
EPCOS B82479-A1473-M
Coilcraft DO3340P-473
CIN1: Electrolythic
CIN2: Ceramic
COUT: LowESR Tantalum
SI_GND
SI
RSI1=
400k
Ω
CIN2 =
220nF
RSI2=
100k
Ω
COMP
SO
RO
SYNC
V
OUT
I
OUT
TLE6389-3 GV50
11
14
12
2
3
9
8
10
4
5
1
7
13
6
VOUT
2.2nF 680
Ω


Similar Part No. - TLE6389

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
Step-Down DC/DC Controller
2007-08-13 Rev 2.1
TLE6389G33 INFINEON-TLE6389G33 Datasheet
121Kb / 23P
Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
TLE6389G33-1 INFINEON-TLE6389G33-1 Datasheet
121Kb / 23P
Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
TLE6389G50 INFINEON-TLE6389G50 Datasheet
121Kb / 23P
Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
More results

Similar Description - TLE6389

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
Step-Down DC/DC Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Infineon Technologies A...
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
Step-Down DC/DC Controller
2007-08-13 Rev 2.1
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
Synchronous Step-Down DC/DC Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
Step-Down DC-DC Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com