Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6389 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6389 Datasheet HTML 1Page - Infineon Technologies AG TLE6389 Datasheet HTML 2Page - Infineon Technologies AG TLE6389 Datasheet HTML 3Page - Infineon Technologies AG TLE6389 Datasheet HTML 4Page - Infineon Technologies AG TLE6389 Datasheet HTML 5Page - Infineon Technologies AG TLE6389 Datasheet HTML 6Page - Infineon Technologies AG TLE6389 Datasheet HTML 7Page - Infineon Technologies AG TLE6389 Datasheet HTML 8Page - Infineon Technologies AG TLE6389 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
2
2007-08-13
1.2
Short functional description
The TLE 6389 step-down DC-DC switching controllers provide high efficiency over loads
ranging from 1mA up to 2.5A. A unique PWM/PFM control scheme operates with up to
a 100% duty cycle, resulting in very low dropout voltage. This control scheme eliminates
minimum load requirements and reduces the supply current under light loads to 120µA,
depending on dimensioning of external components. In addition the adjustable version
TLE6389-2 GV can be shut down via the Enable input reducing the input current to
<2µA. The TLE 6389 step-down controllers drive an external P-channel MOSFET,
allowing design flexibility for applications up to 12.5W of output power. A high switching
frequency and operation in continuous-conduction mode allow the use of tiny surface-
mount inductors. Output capacitor requirements are also reduced, minimizing PC board
area and system costs. The output voltage is preset at 5V (TLE6389-2 GV50 and
TLE6389-3 GV50) and adjustable for the TLE6389-2 GV. The version TLE6389-2 GV50
features a reset function with a threshold between 4.5V and 4.8V, including a small
hysteresis of typ. 50mV. In the version TLE6389-3 GV50 the device incorporates a reset
with a typ. 1V hysteresis. Input voltages of all TLE 6389 can be up to 60V.
1.3
Pin Configuration (top view)
8
9
10
11
12
7
6
5
4
3
2
13
1
14
P-D-SO-14
ENABLE /
SI_ENABLE
FB
VOUT
GND
SYNC
SI_GND
SI
CS
VS
GDRV
BDS
RO
SO
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com