Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6389 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE6389 Datasheet HTML 14Page - Infineon Technologies AG TLE6389 Datasheet HTML 15Page - Infineon Technologies AG TLE6389 Datasheet HTML 16Page - Infineon Technologies AG TLE6389 Datasheet HTML 17Page - Infineon Technologies AG TLE6389 Datasheet HTML 18Page - Infineon Technologies AG TLE6389 Datasheet HTML 19Page - Infineon Technologies AG TLE6389 Datasheet HTML 20Page - Infineon Technologies AG TLE6389 Datasheet HTML 21Page - Infineon Technologies AG TLE6389 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
18
2007-08-13
ENABLE Input
4.59
Enable ON-
threshold
V
ENABLE,
ON
4.5
V
4.60
Enable OFF-
threshold
V
ENABLE,
OFF
0.8
V
SI_ENABLE Input
4.61
Enable ON-
threshold
V
ENABLE,
ON
4.5
V
4.62
Enable OFF-
threshold
V
ENABLE,
OFF
0.8
V
SI_GND Input
4.63
Switch ON
resistance
RSW
50
100
230
Ω
VSI_ENABLE = 5V;
ISI_GND = 3mA;
Battery Voltage Sense
4.64
Sense threshold
V
SI, low
1.22 1.25 1.28
V
V
VS decreasing
4.65
Sense threshold
V
SI, high
1.33
V
V
VS increasing
4.66
Sense threshold
hysteresis
V
SI, hys
50
80
120
mV
4.67
Sense output pull
up resistor
R
SO
10
20
40
k
Ω
TLE6389-2 GV50,
TLE6389-3 GV50;
Internally con-
nected to
VVOUT
4.68
Sense out output
High voltage
V
SO,H
0.8*
VVOUT
V
ISO,H =0mA
4.69
Sense out output
Low voltage
V
SO,L
0.2
0.4
V
ISO,L = 1mA;
2.5V < VVOUT;
V
SI < 1.13 V
4.70
0.4
VVOUT
/V
V
ISOL=0.2mA;
1V < VVOUT < 2.5V;
V
SI < 1.13 V
4
Electrical Characteristics (cont’d)
5V < V
VS < 48V; -40°C < Tj < 150 °C;
All voltages with respect to ground; positive current defined flowing into the pin; unless otherwise specified
Item
Parameter
Symbol
Limit Values
Unit Test Condition
min. typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com