Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4946K Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4946K
Description  High Precision Bipolar Hall-Effect Latch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4946K Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4946K Datasheet HTML 6Page - Infineon Technologies AG TLE4946K Datasheet HTML 7Page - Infineon Technologies AG TLE4946K Datasheet HTML 8Page - Infineon Technologies AG TLE4946K Datasheet HTML 9Page - Infineon Technologies AG TLE4946K Datasheet HTML 10Page - Infineon Technologies AG TLE4946K Datasheet HTML 11Page - Infineon Technologies AG TLE4946K Datasheet HTML 12Page - Infineon Technologies AG TLE4946K Datasheet HTML 13Page - Infineon Technologies AG TLE4946K Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TLE4946K
Electrical and Magnetic Parameters
Data Sheet
7
Rev 1.0, 2007-09
5
Electrical and Magnetic Parameters
Table 5
Electrical Characteristics 1).
1) over operating range, unless otherwise specified. Typical values correspond to
VS =12 V and TA = 25°C
Parameter
Symbol
Limit Values
Unit
Conditions
min.
typ.
max.
Supply current
I
S
2
4
6
mA
V
S = 2.7 V ... 18 V
Reverse current
I
SR
0
0.2
1
mA
V
S = – 18 V
Output saturation
voltage
V
QSAT
–
0.3
0.6
V
I
Q = 20 mA
Output leakage
current
I
QLEAK
–
0.05
10
µA
for
V
Q = 18 V
Output fall time
t
f
–
0.02
1
µs
R
L = 1.2 kΩ; CL = 50 pF
see: Figure 3 “Timing
Definition” on Page 9
Output rise time
t
r
–
0.4
1
µs
Chopper frequency
f
OSC
–
320
–
kHz
Switching
frequency
f
SW
0
–
15
2) To operate the sensor at the max. switching frequency, the value of the magnetic signal amplitude must be
1.4 times higher than for static fields.
This is due to the - 3 dB corner frequency of the low pass filter in the signal path.
2)
kHz
Delay time
3) Systematic delay between magnetic threshold reached and output switching
3)
t
d
–
13
–
µs
Output jitter
4) Jitter is the unpredictable deviation of the output switching delay
4)
t
QJ
–
1
–
µsRMS Typical value for square
wave signal 1 kHz
Power-on time
5) Time from applying
VS ≥ 2.7 V to the sensor until the output state is valid
5)
t
PON
–
13
–
µs
V
S ≥ 2.7 V
Thermal resistance
6) Thermal resistance from junction to ambient
6)
R
thJA
–
100
–
K/W
SC59
Calculation of the ambient temperature (SC59 example)
e.g. for
V
S = 12.0 V, IStyp = 4 mA, VQSATtyp = 0.3 V and IQ = 20 mA :
Power Dissipation:
P
DIS = 54.0 mW.
In
T
A = Tj – (RthJA × PDIS) = 175°C – (100 K / W × 0.054 W)
Resulting max. ambient temperature:
T
A = 169.6°C
Note: Typical characteristics specify mean values expected over the production spread.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com