Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4946K Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4946K
Description  High Precision Bipolar Hall-Effect Latch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4946K Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4946K Datasheet HTML 10Page - Infineon Technologies AG TLE4946K Datasheet HTML 11Page - Infineon Technologies AG TLE4946K Datasheet HTML 12Page - Infineon Technologies AG TLE4946K Datasheet HTML 13Page - Infineon Technologies AG TLE4946K Datasheet HTML 14Page - Infineon Technologies AG TLE4946K Datasheet HTML 15Page - Infineon Technologies AG TLE4946K Datasheet HTML 16Page - Infineon Technologies AG TLE4946K Datasheet HTML 17Page - Infineon Technologies AG TLE4946K Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TLE4946K
Package Information
Data Sheet
11
Rev 1.0, 2007-09
7.2
Distance between Chip and Package Surface
Figure 5
Distance Chip SC59 to Upper Side of IC
7.3
Package Outlines
3x0.4
+0.05
-0.1
M
0.1
0.95
0.95
(0.55)
3 ±0.1
0.15 MAX.
1.1 ±0.1
0.2
+0.1
+0.1
-0.05
0.15
0˚...8˚ MAX.
GPS09473
0.1
3
2
1
Figure 6SC59
AEA03244
Branded Side
d: Distance chip to upper side of IC
SC59: 0.545 ±0.05 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com