Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4946K Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4946K
Description  High Precision Bipolar Hall-Effect Latch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4946K Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4946K Datasheet HTML 7Page - Infineon Technologies AG TLE4946K Datasheet HTML 8Page - Infineon Technologies AG TLE4946K Datasheet HTML 9Page - Infineon Technologies AG TLE4946K Datasheet HTML 10Page - Infineon Technologies AG TLE4946K Datasheet HTML 11Page - Infineon Technologies AG TLE4946K Datasheet HTML 12Page - Infineon Technologies AG TLE4946K Datasheet HTML 13Page - Infineon Technologies AG TLE4946K Datasheet HTML 14Page - Infineon Technologies AG TLE4946K Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Table 6
Magnetic Characteristics TLE4946K 1)
Parameter
Symbol
T
j [°C]
Limit Values
Unit
Notes
min.
typ.
max.
Operate point
B
OP
– 40
25
150
11.8
11.0
6.1
15.8
14.0
9.6
19.2
17.0
13.7
mT
Release point
B
RP
– 40
25
150
– 19.2
– 17.0
– 13.7
– 15.8
– 14.0
– 9.6
– 11.8
– 11.0
– 6.1
mT
Hysteresis
B
HYS
– 40
25
150
–
22.0
–
–
28.0
–
–
34.0
–
mT
Magnetic Offset
B
OFF
– 40
25
150
–
– 3.0
–
–
–
–
–
3.0
–
mT
2)
BOFF = (BOP + BRP) / 2
2)
Temperature
compensation of
magn. thresholds
TC
–
–
- 2000 –
ppm/°C
Repeatability of
magnetic
thresholds
3)
BREP is equivalent to the noise constant
3)
B
REP
–
20
–
µTRMS
Typ. value for
∆B / ∆t
> 12 mT/ms
TLE4946K
Electrical and Magnetic Parameters
Data Sheet
8
Rev 1.0, 2007-09
Field Direction Definion
Positive magnetic fields related with south pole of magnet to the branded side of
package.
1) over operating range, unless otherwise specified. Typical values correspond to
VS = 12 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com