Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4729G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4729G
Description  2-Phase Stepper-Motor Driver Bipolar-IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4729G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4729G Datasheet HTML 1Page - Infineon Technologies AG TLE4729G Datasheet HTML 2Page - Infineon Technologies AG TLE4729G Datasheet HTML 3Page - Infineon Technologies AG TLE4729G Datasheet HTML 4Page - Infineon Technologies AG TLE4729G Datasheet HTML 5Page - Infineon Technologies AG TLE4729G Datasheet HTML 6Page - Infineon Technologies AG TLE4729G Datasheet HTML 7Page - Infineon Technologies AG TLE4729G Datasheet HTML 8Page - Infineon Technologies AG TLE4729G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Absolute Maximum Ratings
Tj = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Supply voltage
VS
– 0.3
45
V
–
Error outputs
VErr
IErr
– 0.3
–
45
3
V
mA
–
–
Output current
IQ
– 1
1
A
–
Ground current
IGND
– 2
–
A
–
Logic inputs
VIXX
– 15
15
V
IXX; Phase 1, 2
Oscillator voltage
VOSC
– 0.3
6
V
–
R1, R2 input voltage
VRX
– 0.3
5
V
–
Junction temperature
Tj
– 40
150
°C
Storage temperature
Tstg
– 50
150
°C
–
Thermal resistances
Junction-ambient
Junction-ambient
(soldered on a 35
µm thick
20 cm2 PC board copper
area)
Junction-case
Rth ja
Rth ja
Rth jc
–
–
–
75
50
15
K/W
K/W
K/W
–
–
Measured on pin 5
Operating Range
Supply voltage
VS
5
16
V
–
Case temperature
TC
– 40
110
°C
Measured on pin 5
Pdiss = 2 W
Output current
IQ
– 800
800
mA
–
Logic inputs
VIXX
– 5
+ 6
V
IXX; Phase 1, 2
Error outputs
VErr
IErr
–
0
25
1
V
mA
–
–
TLE 4729 G
Data Sheet
5
V1.2, 2008-03-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com