Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4729G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4729G
Description  2-Phase Stepper-Motor Driver Bipolar-IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4729G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4729G Datasheet HTML 1Page - Infineon Technologies AG TLE4729G Datasheet HTML 2Page - Infineon Technologies AG TLE4729G Datasheet HTML 3Page - Infineon Technologies AG TLE4729G Datasheet HTML 4Page - Infineon Technologies AG TLE4729G Datasheet HTML 5Page - Infineon Technologies AG TLE4729G Datasheet HTML 6Page - Infineon Technologies AG TLE4729G Datasheet HTML 7Page - Infineon Technologies AG TLE4729G Datasheet HTML 8Page - Infineon Technologies AG TLE4729G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Data Sheet
1
V1.2, 2008-03-18
2-Phase Stepper-Motor Driver
Bipolar-IC
TLE4729G
Features
•2
× 0.7 amp. full bridge outputs
• Integrated driver, control logic and current control
(chopper)
• Very low current consumption in inhibit mode
• Fast free-wheeling diodes
• Max. supply voltage 45 V
• Output stages are free of crossover current
• Offset-phase turn-ON of output stages
• All outputs short-circuit proof
• Error-flag for overload, open load, over-temperature
• SMD package PG-DSO-24-16
• Green Product (RoHS compliant)
• AEC Qualified
Type
Package
TLE4729G
PG-DSO-24-16 (SMD)
Functional Description
TLE4729G is a bipolar, monolithic IC for driving bipolar stepper motors, DC motors and
other inductive loads that operate by constant current. It is fully pin and function
compatible except the current programming is inverse to the TLE4728G with an
additional inhibit feature. The control logic and power output stages for two bipolar
windings are integrated on a single chip which permits switched current control of motors
with 0.7 A per phase at operating voltages up to 16 V.
The direction and value of current are programmable for each phase via separate control
inputs. In the case of low at all four current program inputs the device is switched to
inhibit mode automatically. A common oscillator generates the timing for the current
control and turn-on with phase offset of the two output stages. The two output stages in
full-bridge configuration include fast integrated freewheeling diodes and are free of
crossover current. The device can be driven directly by a microprocessor in several
modes by programming phase direction and current control of each bridge
independently.
PG-DSO-24-16


Similar Part No. - TLE4729G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4729G INFINEON-TLE4729G Datasheet
188Kb / 27P
2-Phase Stepper-Motor Driver Bipolar-IC
2001-04-09
More results

Similar Description - TLE4729G

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
2-PHASE STEPPER MOTOR DRIVER
logo
Sanken electric
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
2-Phase Stepper Motor Unipolar Driver IC
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4729-G INFINEON-TLE4729-G Datasheet
188Kb / 27P
2-Phase Stepper-Motor Driver Bipolar-IC
2001-04-09
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TCA3727 INFINEON-TCA3727 Datasheet
615Kb / 29P
2-Phase Stepper-Motor Driver Bipolar IC
Rev. 2.0, 2004-10-01
TCA3727G INFINEON-TCA3727G Datasheet
539Kb / 23P
2-phase Stepper Motor Driver Bipolar IC
Rev. 2.2, January 2008
logo
ON Semiconductor
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
2-phase Stepper Motor Driver
January, 2014 Ver. 2
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com