Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4729G Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE4729G
Description  2-Phase Stepper-Motor Driver Bipolar-IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4729G Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE4729G Datasheet HTML 18Page - Infineon Technologies AG TLE4729G Datasheet HTML 19Page - Infineon Technologies AG TLE4729G Datasheet HTML 20Page - Infineon Technologies AG TLE4729G Datasheet HTML 21Page - Infineon Technologies AG TLE4729G Datasheet HTML 22Page - Infineon Technologies AG TLE4729G Datasheet HTML 23Page - Infineon Technologies AG TLE4729G Datasheet HTML 24Page - Infineon Technologies AG TLE4729G Datasheet HTML 25Page - Infineon Technologies AG TLE4729G Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
TLE 4729 G
Data Sheet
22
V1.2, 2008-03-18
Calculation of Power Dissipation
The total power dissipation
Ptot is made up of
Saturation losses
Psat (transistor saturation voltage and diode forward voltages),
Quiescent losses
Pq
(quiescent current times supply voltage) and
Switching losses
Ps
(turn-ON / turn-OFF operations).
The following equations give the power dissipation for chopper operation without phase
reversal.
This is the worst case, because full current flows for the entire time and switching losses
occur in addition.
Ptot = 2 × Psat + Pq + 2 × Ps
where
Psat ≅ IN {VsatI × d + VFu (1 – d) + VsatuC × d + VsatuD (1 – d)}
Pq
=
Iq × VS
P
q
V
S
T
-------
i
D
t
DON
×
2
-------------------------
i
D
i
R
+
() t
ON
×
4
--------------------------------------
I
N
2
-----
t
DOFF
t
OFF
+
()
++



≅
IN
= Nominal current (mean value)
Iq
= Quiescent current
iD
= Reverse current during turn-on delay
iR
= Peak reverse current
tp
= Conducting time of chopper transistor
tON
= Turn-ON time
tOFF = Turn-OFF time
tDON = Turn-ON delay
tDOFF = Turn-OFF delay
T
= Cycle duration
d
= Duty cycle
tp / T
Vsatl = Saturation voltage of sink transistor (TX3, TX4)
VsatuC= Saturation voltage of source transistor (TX1, TX2) during charge cycle
VsatuD= Saturation voltage of source transistor (TX1, TX2) during discharge cycle
VFu
= Forward voltage of free-wheeling diode (DX1, DX2)
VS
= Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com