Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW60R165CP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPW60R165CP
Description  CoolMOS짰 Power Transistor Features Lowest figure-of-merit RONxQg Ultra low gate charge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R165CP Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPW60R165CP_08 Datasheet HTML 1Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 2Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 3Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 4Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 5Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 6Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 7Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 8Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IPW60R165CP
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
2000
-
pF
Output capacitance
C oss
-
100
-
Effective output capacitance, energy
related
5)
C o(er)
-83-
Effective output capacitance, time
related
6)
C o(tr)
-
220
-
Turn-on delay time
t d(on)
-12-
ns
Rise time
t r
-5
-
Turn-off delay time
t d(off)
-50-
Fall time
t f
-5
-
Gate Charge Characteristics
Gate to source charge
Q gs
-9
-
nC
Gate to drain charge
Q gd
-
13.0
-
Gate charge total
Q g
-39
52
Gate plateau voltage
V plateau
-
5.0
-
V
Reverse Diode
Diode forward voltage
V SD
V GS=0 V, I F=12 A,
T j=25 °C
-
0.9
1.2
V
Reverse recovery time
t rr
-
390
-
ns
Reverse recovery charge
Q rr
-
7.5
-
µC
Peak reverse recovery current
I rrm
-38-
A
1) J-STD20 and JESD22
2) Pulse width t
p limited by T j,max
4) I
SD≤ID, di/dt≤200A/µs, VDClink=400V, Vpeak<V(BR)DSS, Tj<Tjmax, identical low side and high side switch.
V R=400 V, I F=I S,
di F/dt =100 A/µs
5) C
o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS.
6) C
o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
3) Repetitive avalanche causes additional power losses that can be calculated asP
AV=E AR*f.
Values
V GS=0 V, V DS=100 V,
f =1 MHz
V DD=400 V, V GS=10V,
I D=12 A, R G=3.3 Ω
V DD=400 V, I D=12 A,
V GS=0 to 10 V
V GS=0 V, V DS=0 V
to 480 V
Rev. 2.2
page 3
2008-02-18
Please note the new package dimensions arccording to PCN 2009-134-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com