Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW60R165CP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPW60R165CP
Description  CoolMOS짰 Power Transistor Features Lowest figure-of-merit RONxQg Ultra low gate charge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R165CP Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPW60R165CP_08 Datasheet HTML 1Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 2Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 3Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 4Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 5Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 6Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 7Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 8Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IPW60R165CP
CoolMOS
® Power Transistor
Features
• Lowest figure-of-merit RONxQg
• Ultra low gate charge
• Extreme dv/dt rated
• High peak current capability
• Qualified according to JEDEC
1) for target applications
• Pb-free lead plating; RoHS compliant
CoolMOS CP is specially designed for:
• Hard switching topologies, for Server and Telecom
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
A
T C=100 °C
Pulsed drain current
2)
I D,pulse
T C=25 °C
Avalanche energy, single pulse
E AS
I D=7.9 A, V DD=50 V
522
mJ
Avalanche energy, repetitive t AR
2),3)
E AR
I D=7.9 A, V DD=50 V
Avalanche current, repetitive t AR
2),3)
I AR
A
MOSFET dv /dt ruggedness
dv /dt
V DS=0...480 V
V/ns
Gate source voltage
V GS
static
V
AC (f >1 Hz)
Power dissipation
P tot
T C=25 °C
W
Operating and storage temperature
T j, T stg
°C
Mounting torque
M3 and M3.5 screws
60
Ncm
±30
192
-55 ... 150
0.79
7.9
50
±20
Value
21
13
61
V DS @ Tj,max
650
V
R DS(on),max
0.165
Ω
Q g,typ
39
nC
Product Summary
Type
Package
Ordering Code
Marking
IPW60R165CP
PG-TO247-3
SP000095483
6R165P
PG-TO247-3
Rev. 2.2
page 1
2008-02-18
Please note the new package dimensions arccording to PCN 2009-134-A


Similar Part No. - IPW60R165CP_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R165CP INFINEON-IPW60R165CP Datasheet
355Kb / 10P
CoolMOS Power Transistor
Rev. 2.0 2006-06-19
logo
Inchange Semiconductor ...
IPW60R165CP ISC-IPW60R165CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - IPW60R165CP_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW50R350CP INFINEON-IPW50R350CP Datasheet
537Kb / 11P
CoolMOSTM Power Transistor Features Ultra low gate charge Extreme dv/dt rated
Rev. 2.0 2007-11-07
IPB080N06NG INFINEON-IPB080N06NG_10 Datasheet
421Kb / 10P
OptiMOS??Power-Transistor Features Low gate charge for fast switching applications
Rev. 1.05 2010-01-19
SPD06N60C3 INFINEON-SPD06N60C3_14 Datasheet
401Kb / 11P
Ultra low gate charge
logo
STMicroelectronics
STP7LN80K5 STMICROELECTRONICS-STP7LN80K5 Datasheet
719Kb / 13P
Ultra-low gate charge
08-Jan-2016
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
Ultra-low gate charge
11-Nov-2015
STD5N95K5 STMICROELECTRONICS-STD5N95K5 Datasheet
1Mb / 26P
Ultra-low gate charge
04-Jan-2017
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
Ultra-low gate charge
November 2016 Rev 1
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
Ultra-low gate charge
October 2016 Rev 1
STF6N80K5 STMICROELECTRONICS-STF6N80K5 Datasheet
831Kb / 15P
Ultra low gate charge
06-Sep-2016
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
Ultra low gate charge
07-Feb-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com