Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW60R165CP Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPW60R165CP
Description  CoolMOS짰 Power Transistor Features Lowest figure-of-merit RONxQg Ultra low gate charge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R165CP Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPW60R165CP_08 Datasheet HTML 1Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 2Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 3Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 4Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 5Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 6Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 7Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 8Page - Infineon Technologies AG IPW60R165CP_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IPW60R165CP
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous diode forward current
I S
A
Diode pulse current
2)
I S,pulse
61
Reverse diode dv /dt
4)
dv /dt
15
V/ns
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
0.65
K/W
R thJA
leaded
-
-
62
Soldering temperature,
wavesoldering only allowed at leads
T sold
1.6 mm (0.063 in.)
from case for 10 s
-
-
260
°C
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=250 µA
600
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=0,79 mA
2.5
3
3.5
Zero gate voltage drain current
I DSS
V DS=600 V, V GS=0 V,
T j=25 °C
--
1
µA
V DS=600 V, V GS=0 V,
T j=150 °C
-10-
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
-
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=12 A,
T j=25 °C
-
0.15
0.165
Ω
V GS=10 V, I D=12 A,
T j=150 °C
-
0.40
-
Gate resistance
R G
f =1 MHz, open drain
-
1.9
-
Ω
Value
T C=25 °C
12
Values
Thermal resistance, junction -
ambient
Rev. 2.2
page 2
2008-02-18
Please note the new package dimensions arccording to PCN 2009-134-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com