Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM4E Datasheet(PDF) 2 Page - International Rectifier

Part # IRPLDIM4E
Description  Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM4E Datasheet(HTML) 2 Page - International Rectifier

  IRPLDIM4E Datasheet HTML 1Page - International Rectifier IRPLDIM4E Datasheet HTML 2Page - International Rectifier IRPLDIM4E Datasheet HTML 3Page - International Rectifier IRPLDIM4E Datasheet HTML 4Page - International Rectifier IRPLDIM4E Datasheet HTML 5Page - International Rectifier IRPLDIM4E Datasheet HTML 6Page - International Rectifier IRPLDIM4E Datasheet HTML 7Page - International Rectifier IRPLDIM4E Datasheet HTML 8Page - International Rectifier IRPLDIM4E Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.irf.com
- 2 -
RD0801
1. Overview
The IRPLDIM4E Reference Design is a miniature dimmable electronic ballast for driving
26W compact fluorescent lamps from a 220VAC line. The circuit provides all of the
necessary functions for preheat, ignition, and dimming control of the lamp and also
includes the EMI filter and AC rectification stage. The ballast size is 1.42in x 2.44in
(36mm x 62mm).
The circuit is designed around the IRS2530D(S)PbF DIM8
TM Ballast Control IC. The
IRS2530D includes adjustable preheat time, frequency sweeping for filament preheating
and lamp ignition, a dimming reference and feedback input, a high soft-start frequency to
avoid lamp flash, lamp and ballast fault protection for open filament condition, failure to
strike, and no lamp fault conditions, automatic restart during lamp exchange, and, low
AC line protection. The IRS2530D is simple to use, has only 8 pins, and drastically
reduces component count for a complete dimming solution.
2. Features
Closed-loop dimming control
Programmable preheat time
Frequency sweep for filament preheat and lamp ignition
Open filaments and no-lamp protection
Failure to strike and deactivated-lamp protection
Low AC line protection
Lamp exchange auto restart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com