Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM4E Datasheet(PDF) 7 Page - International Rectifier

Part # IRPLDIM4E
Description  Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM4E Datasheet(HTML) 7 Page - International Rectifier

Back Button IRPLDIM4E Datasheet HTML 3Page - International Rectifier IRPLDIM4E Datasheet HTML 4Page - International Rectifier IRPLDIM4E Datasheet HTML 5Page - International Rectifier IRPLDIM4E Datasheet HTML 6Page - International Rectifier IRPLDIM4E Datasheet HTML 7Page - International Rectifier IRPLDIM4E Datasheet HTML 8Page - International Rectifier IRPLDIM4E Datasheet HTML 9Page - International Rectifier IRPLDIM4E Datasheet HTML 10Page - International Rectifier IRPLDIM4E Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.irf.com
- 7 -
RD0801
9. Functional Description
When power is turned on, the IRS2530D first starts in Under Voltage Lockout (UVLO)
mode. The UVLO mode is designed to maintain an ultra-low (<250 A) supply current,
and to guarantee that the IC is fully functional before the high- and low-side output (HO
and LO) gate drivers are activated. During UVLO, HO is ‘low’, and VCO is pulled down
to COM for resetting the starting frequency to the maximum. LO is open circuit, and is
used as a shutdown/reset input function for automatically restarting the IC when a lamp
has been removed and re-inserted.
Once VCC reaches the startup threshold (VCCUV+) and the LO pin is below VLOSD-
(lamp is inserted), the half-bridge FETs start to oscillate and the IC enters
Preheat/Ignition Mode. At startup, VCO is 0V and the frequency starts at fMAX. The
frequency ramps down towards the resonant frequency of the high-Q ballast output
stage, causing the lamp voltage to increase. During this time, the filaments of the lamp
are pre-heated to their emission temperature to minimize the necessary ignition voltage
and to increase lamp life. The voltage on pin VCO continues to increase and the
frequency keeps decreasing until the lamp ignites. If the lamp ignites successfully, the
IRS2530D enters the DIM mode. The resonant output stage transitions to a series-L,
parallel RC circuit with the Q-value and operating point determined by the user dim level
(Figure 9.1)
High-Q
Low-Q
Start
Ignition
Vout
Vin
Frequency
fmax
f100%
f10%
f50%
10%
50%
100%
fmin
Figure 9.1: Resonant tank Bode plot with lamp dimming operating points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com