Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM4E Datasheet(PDF) 13 Page - International Rectifier

Part # IRPLDIM4E
Description  Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM4E Datasheet(HTML) 13 Page - International Rectifier

Back Button IRPLDIM4E Datasheet HTML 9Page - International Rectifier IRPLDIM4E Datasheet HTML 10Page - International Rectifier IRPLDIM4E Datasheet HTML 11Page - International Rectifier IRPLDIM4E Datasheet HTML 12Page - International Rectifier IRPLDIM4E Datasheet HTML 13Page - International Rectifier IRPLDIM4E Datasheet HTML 14Page - International Rectifier IRPLDIM4E Datasheet HTML 15Page - International Rectifier IRPLDIM4E Datasheet HTML 16Page - International Rectifier IRPLDIM4E Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.irf.com
- 13 -
RD0801
Figure 10.5: Inductor saturation: CH1 is the LO voltage, CH2 is the VS voltage, CH3 is the current
through the resonant inductor, and CH4 is the voltage across the lamp
Figure 10.6 shows the VS voltage and the voltage across the lamp when the IC
undergoes reset with a lamp exchange. When the lamp is removed, crest factor
protection is triggered, and the IC enters the Fault mode and shuts down. Since the lamp
is removed, LO pins is pulled above VLOSD+, and the IC goes to UVLO mode. When
the lamp is re-inserted, the IC goes back to the Preheat / Ignition mode, and the half-
bridge starts to oscillate again.
Figure 10.6: Lamp exchange: CH1 is the LO voltage, CH2 is the VS voltage, and CH4 is the voltage
across the lamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com