Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM5E Datasheet(PDF) 2 Page - International Rectifier

Part # IRPLDIM5E
Description  4 Level Switch Dim Fluorescent Ballast using the IRS2530D DIM8TM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM5E Datasheet(HTML) 2 Page - International Rectifier

  IRPLDIM5E Datasheet HTML 1Page - International Rectifier IRPLDIM5E Datasheet HTML 2Page - International Rectifier IRPLDIM5E Datasheet HTML 3Page - International Rectifier IRPLDIM5E Datasheet HTML 4Page - International Rectifier IRPLDIM5E Datasheet HTML 5Page - International Rectifier IRPLDIM5E Datasheet HTML 6Page - International Rectifier IRPLDIM5E Datasheet HTML 7Page - International Rectifier IRPLDIM5E Datasheet HTML 8Page - International Rectifier IRPLDIM5E Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.irf.com
- 2 -
RD0802
1. Features
Drives 25W CFL Lamp
Input Voltage: 220VAC
High Frequency Operation
Lamp Filament Preheating
Lamp Fault Protection with Auto-Restart
Low AC Line/Brownout Protection
Microcontroller driven 4 level power pulse dimming
IRS2530D DIM8
TM HVIC Ballast Controller
2. Overview
The IRPLDIM5E reference design kit consists of a dimming fluorescent ballast, with a
microcontroller driven dimming control system providing four fixed levels and actuated
by power re-cycle pulses of less than one second, driving a single 25W CFL lamp. The
design contains an EMI filter and a dimming ballast control circuit using the IRS2530D.
This demo board is intended to help with the evaluation of the IRS2530D (DIM8
TM)
dimming ballast control IC, demonstrate PCB layout techniques and serve as an aid in
the development of production ballasts using the IRS2530D.
EMI Filter
Half-Bridge Driver
Rectifier
Lamp Fault
Line
Microcontroller
Dimming Feedback
Pulse Detect
DIM8 Ballast Control
Output Stage
Lamp
Figure 2.1: IRPLDIM5E Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com