Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM5E Datasheet(PDF) 9 Page - International Rectifier

Part # IRPLDIM5E
Description  4 Level Switch Dim Fluorescent Ballast using the IRS2530D DIM8TM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM5E Datasheet(HTML) 9 Page - International Rectifier

Back Button IRPLDIM5E Datasheet HTML 5Page - International Rectifier IRPLDIM5E Datasheet HTML 6Page - International Rectifier IRPLDIM5E Datasheet HTML 7Page - International Rectifier IRPLDIM5E Datasheet HTML 8Page - International Rectifier IRPLDIM5E Datasheet HTML 9Page - International Rectifier IRPLDIM5E Datasheet HTML 10Page - International Rectifier IRPLDIM5E Datasheet HTML 11Page - International Rectifier IRPLDIM5E Datasheet HTML 12Page - International Rectifier IRPLDIM5E Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.irf.com
- 9 -
RD0802
Figure 4.5: Lamp Voltage and Arc Current during preheat and ignition
It should be noted in this example that the VCO voltage and consequently the ballast
frequency varies only by quite a small amount between the four different dimming levels,
although the lamp arc current varies considerably. This is because the system is operating
above the point in the dimming response curve known as the "knee", this is illustrated
below.
Lamp
Current
Ballast Running
Frequency
Ballast / Lamp Operating Characteristic
Figure 4.6: Lamp current against ballast frequency
R6 is also required in order to ensure that the DIM pin of IC1 will be biased above 0V
before the voltage at VCC exceeds the UV+ threshold at startup. This prevents the
IRS2530D from shutting down during the first few cycles of hard switching that occur
when the half bridge starts to oscillate at maximum frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com