Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM5E Datasheet(PDF) 14 Page - International Rectifier

Part # IRPLDIM5E
Description  4 Level Switch Dim Fluorescent Ballast using the IRS2530D DIM8TM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM5E Datasheet(HTML) 14 Page - International Rectifier

Back Button IRPLDIM5E Datasheet HTML 9Page - International Rectifier IRPLDIM5E Datasheet HTML 10Page - International Rectifier IRPLDIM5E Datasheet HTML 11Page - International Rectifier IRPLDIM5E Datasheet HTML 12Page - International Rectifier IRPLDIM5E Datasheet HTML 13Page - International Rectifier IRPLDIM5E Datasheet HTML 14Page - International Rectifier IRPLDIM5E Datasheet HTML 15Page - International Rectifier IRPLDIM5E Datasheet HTML 16Page - International Rectifier IRPLDIM5E Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.irf.com
- 14 -
RD0802
6. Bill of Materials
Item #
Qty
Manufacturer
Part Number
Description
Reference
1
1
IR
IRS2530D
Dimming Ballast Control IC
IC1
2
1
Microchip
PIC12F629
8 pin DIP Controller
IC2
3
2
IR
IRFU320
Transistor, MOSFET, 400V
MHS, MLS
4
1
Digi-key
RH06DICT-ND
Bridge Rectifier, 0.5A 600V, miniDIP
BR1
5
1
Diodes Inc
ZMM5247B-7
Diode, Zener 17V, 500mW, MiniMelf
DCP1
6
1
Diodes Inc
LL4148DICT-ND
Diode, 75V, 100mA DL35
DCP2
7
2
Diodes Inc
ZMM5231B-7
Diode, Zener 5.1V, 500mW MiniMelf
D1 D2
8
1
Diodes Inc
MURS160-13
Diode, 600V, 1A, SMB
DIN
9
1
Digi-key
M8301-ND
Inductor, 1mH, 200mA
LF
10
1
Vogt
IL 070 503 11 02
Inductor, 2.3mH, EF20
LRES
11
1
Panasonic
ECA-0JHG331
Capacitor, 330 F, 6.3V, 105C, Radial
C1
12
1
Panasonic
ECJ-3YB1E225K
Capacitor, 2.2 F, 25V, 1206
C6
13
1
Wima
MKS2 Series
Capacitor, 47nF, 400V
CDC
14
1
Digi-key
P10730-ND
Capacitor 0.1 F, 275VAC
CF
15
1
Panasonic
EEU-EB2V100
Capacitor, 10 F, 350V, 105C, Radial
CBUS
16
6
Panasonic
ECJ-3VB1H104K
Capacitor, 0.1 F, 50V, 1206
CBS, CFB, CH1,
CH2,C2,C7
17
1
Panasonic
ECU-V1H222KBM
Capacitor, 2.2nF, 50V, 1206
CVCO
18
1
Panasonic
ECJ-3YB1E684K
Capacitor, 0.68 F, 25V, 1206
CPH
19
1
Panasonic
ECJ-3YB1E105K
Capacitor, 1 F, 25V, 1206
CVCC
20
2
Panasonic
CC1206KRX7R9B
B103
Capacitor, 10nF, 50V, 1206
C3,CDIM
21
1
Panasonic
ECK-D3A102KBP
Capacitor, 1nF, 1KV, Ceramic disk
CVS
22
1
Wima
TAW
MKP10 Series
MKP472K1K6
Capacitor, 4.7nF, 1600V
Polypropylene
CRES
23
0
NOT FITTED
CLO
24
1
Panasonic
ERJ-8GEYJ106V
Resistor, 10M, 0.25W, 1206
R6
25
2
Panasonic
ERJ-8GEYJ154V
Resistor, 150K, 0.25W, 1206
R1, R2
26
1
Panasonic
ERJ-8GEYJ124V
Resistor, 120K, 0.25W, 1206
R3
27
1
Panasonic
ERO-S2PHF1203
Resistor 120K, 0.25W, Axial
R4
28
1
Panasonic
ERJ-8GEYJ243V
Resistor, 24K, 0.25W, 1206
R5
29
2
Panasonic
ERJ-8GEYJ364V
Resistor, 360K, 0.25W, 1206
RVCC1, RVCC2
30
1
Panasonic
ERD-S2TJ7R5V
Resistor, 7.5 Ohm, 5%, 0.5W, Axial
RCS
31
1
Panasonic
ERJ-8GEYJ474V
Resistor, 470K, 0.25W, 1206
RLMP1
32
1
Panasonic
ERJ-8GEYJ105V
Resistor, 1M, 0.25W, 1206
RLMP2
33
3
Panasonic
ERJ-8GEYJ104V
Resistor, 100K, 0.25W, 1206
R7, R9, R10
34
1
Panasonic
ERJ-8GEYJ563V
Resistor, 56K, 0.25W, 1206
R8
35
1
Panasonic
ERJ-8GEYJ102V
Resistor, 1K, 0.25W, 1206
RFB
36
1
Panasonic
ERJ-8GEYJ152V
Resistor, 1.5K, 0.25W, 1206
RVCO
37
2
Panasonic
ERJ-8GEYJ100V
Resistor, 10 Ohm, 0.25W, 1206
RHO, RLO
38
1
Vishay/BC
NFR25H0004707J
R500
Resistor, 0.47R, 1/2W
F1
39
1
Wire Jumper
J1
40
1
Wago
235-202
Connector, 2 terminal
X1
41
1
Wago
235-204
Connector, 4 terminal
X2
42
6
Digi-key
5000K-ND
Test Point
VCC, COM, LO,
VCO, DIM,
VLAMP, VS
43
1
IRPLDIM5E_Rev2
PCB, Single Layer
TABLE 6.1: IRPLDIM5E Bill of Materials.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com