Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP297 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSP297
Description  SIPMOS Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP297 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSP297 Datasheet HTML 1Page - Infineon Technologies AG BSP297 Datasheet HTML 2Page - Infineon Technologies AG BSP297 Datasheet HTML 3Page - Infineon Technologies AG BSP297 Datasheet HTML 4Page - Infineon Technologies AG BSP297 Datasheet HTML 5Page - Infineon Technologies AG BSP297 Datasheet HTML 6Page - Infineon Technologies AG BSP297 Datasheet HTML 7Page - Infineon Technologies AG BSP297 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
200
9-
08-18
Page 3
BSP297
Rev. 2.1
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS³2*ID*RDS(on)max,
ID=0.53A
0.47
0.94
-
S
Input capacitance
Ciss
VGS=0, VDS=25V,
f=1MHz
-
286
357
pF
Output capacitance
Coss
-
38
47
Reverse transfer capacitance
Crss
-
15.7
23.5
Turn-on delay time
td(on)
VDD=100V, VGS=4.5V,
ID=0.6A, RG=15W
-
5.2
7.8
ns
Rise time
tr
-
3.8
5.7
Turn-off delay time
td(off)
-
49
74
Fall time
tf
-
19
29
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=160V, ID=0.66A
-
0.7
0.9
nC
Gate to drain charge
Qgd
-
5.2
7.8
Gate charge total
Qg
VDD=160V, ID=0.66A,
VGS=0 to 10V
-
12.9
16.1
Gate plateau voltage
V(plateau) VDD=160V, ID = 0.66 A
-
2.7
3.3
V
Reverse Diode
Inverse diode continuous
forward current
IS
TA=25°C
-
-
0.66 A
Inv. diode direct current, pulsed ISM
-
-
2.64
Inverse diode forward voltage VSD
VGS=0, IF = IS
-
0.84
1.2
V
Reverse recovery time
trr
VR=100V, IF=lS,
diF/dt=100A/µs
-
52
78
ns
Reverse recovery charge
Qrr
-
80
120
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com