Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP297 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSP297
Description  SIPMOS Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP297 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSP297 Datasheet HTML 1Page - Infineon Technologies AG BSP297 Datasheet HTML 2Page - Infineon Technologies AG BSP297 Datasheet HTML 3Page - Infineon Technologies AG BSP297 Datasheet HTML 4Page - Infineon Technologies AG BSP297 Datasheet HTML 5Page - Infineon Technologies AG BSP297 Datasheet HTML 6Page - Infineon Technologies AG BSP297 Datasheet HTML 7Page - Infineon Technologies AG BSP297 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
200
9-
08-18
Page 4
BSP297
Rev. 2.1
1 Power dissipation
Ptot = f (TA)
0
20
40
60
80
100
120
°C
160
TA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
W
1.9
BSP297
2 Drain current
ID = f (TA)
parameter: VGS³ 10 V
0
20
40
60
80
100
120
°C
160
TA
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
A
0.75
BSP297
3 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TA = 25 °C
10
0
10
1
10
2
10
3
V
VDS
-3
10
-2
10
-1
10
0
10
1
10
A
BSP297
R D
S(
on
)
=
V D
S
/ I D
DC
10 ms
1 ms
tp = 100.0µs
4 Transient thermal impedance
ZthJA = f (tp)
parameter : D = tp/T
10
-5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2
10
4
s
tp
-2
10
-1
10
0
10
1
10
2
10
K/W
BSP297
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com