Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP297 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSP297
Description  SIPMOS Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP297 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSP297 Datasheet HTML 1Page - Infineon Technologies AG BSP297 Datasheet HTML 2Page - Infineon Technologies AG BSP297 Datasheet HTML 3Page - Infineon Technologies AG BSP297 Datasheet HTML 4Page - Infineon Technologies AG BSP297 Datasheet HTML 5Page - Infineon Technologies AG BSP297 Datasheet HTML 6Page - Infineon Technologies AG BSP297 Datasheet HTML 7Page - Infineon Technologies AG BSP297 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
200
9-
08-18
Page 2
BSP297
Rev. 2.1
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Thermal resistance, junction - soldering point
(Pin 4)
RthJS
-
15
25
K/W
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 1)
RthJA
-
-
80
48
115
70
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain-source breakdown voltage
VGS=0, ID=250µA
V(BR)DSS 200
-
-
V
Gate threshold voltage, VGS = VDS
ID=400µA
VGS(th)
0.8
1.4
1.8
Zero gate voltage drain current
VDS=200V, VGS=0, Tj=25°C
VDS=200V, VGS=0, Tj=150°C
IDSS
-
-
-
10
0.1
100
µA
Gate-source leakage current
VGS=20V, VDS=0
IGSS
-
1
10
nA
Drain-source on-state resistance
VGS=4.5V, ID=0.53A
RDS(on)
-
1.2
3
W
Drain-source on-state resistance
VGS=10V, ID=0.66A
RDS(on)
-
1
1.8
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com