Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 10 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LM2575 Datasheet HTML 6Page - ON Semiconductor LM2575 Datasheet HTML 7Page - ON Semiconductor LM2575 Datasheet HTML 8Page - ON Semiconductor LM2575 Datasheet HTML 9Page - ON Semiconductor LM2575 Datasheet HTML 10Page - ON Semiconductor LM2575 Datasheet HTML 11Page - ON Semiconductor LM2575 Datasheet HTML 12Page - ON Semiconductor LM2575 Datasheet HTML 13Page - ON Semiconductor LM2575 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
10
Procedure (Fixed Output Voltage Version) In order to simplify the switching regulator design, a step−by−step design
procedure and example is provided.
Procedure
Example
Given Parameters:
Vout = Regulated Output Voltage (3.3 V, 5.0 V, 12 V or 15 V)
Vin(max) = Maximum DC Input Voltage
ILoad(max) = Maximum Load Current
Given Parameters:
Vout = 5.0 V
Vin(max) = 20 V
ILoad(max) = 0.8 A
1. Controller IC Selection
According to the required input voltage, output voltage and
current, select the appropriate type of the controller IC output
voltage version.
1. Controller IC Selection
According to the required input voltage, output voltage,
current polarity and current value, use the LM2575−5
controller IC
2. Input Capacitor Selection (Cin)
To prevent large voltage transients from appearing at the input
and for stable operation of the converter, an aluminium or
tantalum electrolytic bypass capacitor is needed between the
input pin +Vin and ground pin GND. This capacitor should be
located close to the IC using short leads. This capacitor should
have a low ESR (Equivalent Series Resistance) value.
2. Input Capacitor Selection (Cin)
A 47 mF, 25 V aluminium electrolytic capacitor located near
to the input and ground pins provides sufficient bypassing.
3. Catch Diode Selection (D1)
A. Since the diode maximum peak current exceeds the
regulator maximum load current the catch diode current
rating must be at least 1.2 times greater than the maximum
load current. For a robust design the diode should have a
current rating equal to the maximum current limit of the
LM2575 to be able to withstand a continuous output short
B. The reverse voltage rating of the diode should be at least
1.25 times the maximum input voltage.
3. Catch Diode Selection (D1)
A. For this example the current rating of the diode is 1.0 A.
B. Use a 30 V 1N5818 Schottky diode, or any of the
suggested fast recovery diodes shown in the Table 4.
4. Inductor Selection (L1)
A. According to the required working conditions, select the
correct inductor value using the selection guide from
Figures 17 to 21.
B. From the appropriate inductor selection guide, identify the
inductance region intersected by the Maximum Input
Voltage line and the Maximum Load Current line. Each
region is identified by an inductance value and an inductor
code.
C. Select an appropriate inductor from the several different
manufacturers part numbers listed in Table 1 or Table 2.
When using Table 2 for selecting the right inductor the
designer must realize that the inductor current rating must
be higher than the maximum peak current flowing through
the inductor. This maximum peak current can be calculated
as follows:
where ton is the “on” time of the power switch and
For additional information about the inductor, see the
inductor section in the “External Components” section of
this data sheet.
Ip(max) + ILoad(max))
VinVout ton
2L
ton +
Vout
Vin
x 1
fosc
4. Inductor Selection (L1)
A. Use the inductor selection guide shown in Figures 17
to 21.
B. From the selection guide, the inductance area intersected
by the 20 V line and 0.8 A line is L330.
C. Inductor value required is 330 mH. From the Table 1 or
Table 2, choose an inductor from any of the listed
manufacturers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com