Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 11 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LM2575 Datasheet HTML 7Page - ON Semiconductor LM2575 Datasheet HTML 8Page - ON Semiconductor LM2575 Datasheet HTML 9Page - ON Semiconductor LM2575 Datasheet HTML 10Page - ON Semiconductor LM2575 Datasheet HTML 11Page - ON Semiconductor LM2575 Datasheet HTML 12Page - ON Semiconductor LM2575 Datasheet HTML 13Page - ON Semiconductor LM2575 Datasheet HTML 14Page - ON Semiconductor LM2575 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
11
Procedure (Fixed Output Voltage Version) (continued)In order to simplify the switching regulator design, a step−by−step design
procedure and example is provided.
Procedure
Example
5. Output Capacitor Selection (Cout)
A. Since the LM2575 is a forward−mode switching regulator
with voltage mode control, its open loop 2−pole−2−zero
frequency characteristic has the dominant pole−pair
determined by the output capacitor and inductor values. For
stable operation and an acceptable ripple voltage,
(approximately 1% of the output voltage) a value between
100 mF and 470 mF is recommended.
B. Due to the fact that the higher voltage electrolytic capacitors
generally have lower ESR (Equivalent Series Resistance)
numbers, the output capacitor’s voltage rating should be at
least 1.5 times greater than the output voltage. For a 5.0 V
regulator, a rating at least 8V is appropriate, and a 10 V or
16 V rating is recommended.
5. Output Capacitor Selection (Cout)
A. Cout = 100 mF to 470 mF standard aluminium electrolytic.
B. Capacitor voltage rating = 16 V.
Procedure (Adjustable Output Version: LM2575−Adj)
Procedure
Example
Given Parameters:
Vout = Regulated Output Voltage
Vin(max) = Maximum DC Input Voltage
ILoad(max) = Maximum Load Current
Given Parameters:
Vout = 8.0 V
Vin(max) = 12 V
ILoad(max) = 1.0 A
1. Programming Output Voltage
To select the right programming resistor R1 and R2 value (see
Figure 14) use the following formula:
Resistor R1 can be between 1.0 k and 5.0 kW. (For best
temperature coefficient and stability with time, use 1% metal
film resistors).
Vout + Vref 1 )
R2
R1
R2 + R1
Vout
Vref
1
where Vref = 1.23 V
1. Programming Output Voltage (selecting R1 and R2)
Select R1 and R2:
R2 = 9.91 kW, choose a 9.88 k metal film resistor.
R2 + R1
Vout
Vref
* 1 + 1.8 k
8.0 V
1.23 V *
1
Vout + 1.23 1 )
R2
R1 Select R1 = 1.8 kW
2. Input Capacitor Selection (Cin)
To prevent large voltage transients from appearing at the input
and for stable operation of the converter, an aluminium or
tantalum electrolytic bypass capacitor is needed between the
input pin +Vin and ground pin GND This capacitor should be
located close to the IC using short leads. This capacitor should
have a low ESR (Equivalent Series Resistance) value.
For additional information see input capacitor section in the
“External Components” section of this data sheet.
2. Input Capacitor Selection (Cin)
A 100 mF aluminium electrolytic capacitor located near the
input and ground pin provides sufficient bypassing.
3. Catch Diode Selection (D1)
A. Since the diode maximum peak current exceeds the
regulator maximum load current the catch diode current
rating must be at least 1.2 times greater than the maximum
load current. For a robust design, the diode should have a
current rating equal to the maximum current limit of the
LM2575 to be able to withstand a continuous output short.
B. The reverse voltage rating of the diode should be at least
1.25 times the maximum input voltage.
3. Catch Diode Selection (D1)
A. For this example, a 3.0 A current rating is adequate.
B. Use a 20 V 1N5820 or MBR320 Schottky diode or any
suggested fast recovery diode in the Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com