Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 20 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button LM2575 Datasheet HTML 16Page - ON Semiconductor LM2575 Datasheet HTML 17Page - ON Semiconductor LM2575 Datasheet HTML 18Page - ON Semiconductor LM2575 Datasheet HTML 19Page - ON Semiconductor LM2575 Datasheet HTML 20Page - ON Semiconductor LM2575 Datasheet HTML 21Page - ON Semiconductor LM2575 Datasheet HTML 22Page - ON Semiconductor LM2575 Datasheet HTML 23Page - ON Semiconductor LM2575 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
20
Using a delayed startup arrangement, the input capacitor
can charge up to a higher voltage before the switch−mode
regulator begins to operate.
The high input current needed for startup is now partially
supplied by the input capacitor Cin.
Design Recommendations:
The inverting regulator operates in a different manner
than the buck converter and so a different design procedure
has to be used to select the inductor L1 or the output
capacitor Cout.
The output capacitor values must be larger than is
normally required for buck converter designs. Low input
voltages or high output currents require a large value output
capacitor (in the range of thousands of
mF).
The recommended range of inductor values for the
inverting converter design is between 68
mH and 220 mH. To
select an inductor with an appropriate current rating, the
inductor peak current has to be calculated.
The following formula is used to obtain the peak inductor
current:
where ton +
|VO|
Vin ) |VO|
x 1
fosc
, and fosc + 52 kHz.
Ipeak [
ILoad (Vin ) |VO|)
Vin
)
Vin xton
2L1
Under normal continuous inductor current operating
conditions, the worst case occurs when Vin is minimal.
Note that the voltage appearing across the regulator is the
absolute sum of the input and output voltage, and must not
exceed 40 V.
Figure 26. Inverting Buck−Boost
Regulator with Delayed Startup
D1
1N5819
L1
100
mH
Output
2
4
Feedback
Unregulated
DC Input
12 V to 25 V
Cin
100
mF
/50 V
1
3
5ON/OFF
GND
+Vin
Regulated
Output
-12 V @ 0.35 A
Cout
1800
mF
/16 V
LM2575−12
C1
0.1
mF
R1
47 k
R2
47 k
It has been already mentioned above, that in some
situations, the delayed startup or the undervoltage lockout
features could be very useful. A delayed startup circuit
applied to a buck−boost converter is shown in Figure 26.
Figure 32 in the “Undervoltage Lockout” section describes
an undervoltage lockout feature for the same converter
topology.
Figure 27. Inverting Buck−Boost Regulator Shut Down
Circuit Using an Optocoupler
LM2575−XX
1
3
5
GND
ON/OFF
+Vin
R2
47 k
Cin
100
mF
NOTE: This picture does not show the complete circuit.
R1
47 k
R3
470
Shutdown
Input
MOC8101
-Vout
Off
On
5.0 V
0
+Vin
With the inverting configuration, the use of the ON/OFF
pin requires some level shifting techniques. This is caused
by the fact, that the ground pin of the converter IC is no
longer at ground. Now, the ON/OFF pin threshold voltage
(1.4 V approximately) has to be related to the negative
output voltage level. There are many different possible shut
down methods, two of them are shown in Figures 27 and 28.
Figure 28. Inverting Buck−Boost Regulator Shut Down
Circuit Using a PNP Transistor
NOTE: This picture does not show the complete circuit.
R2
5.6 k
Q1
2N3906
LM2575−XX
1
3
5
GND
ON/OFF
R1
12 k
-Vout
+Vin
Shutdown
Input
Off
On
+V
0
+Vin
Cin
100
mF
Negative Boost Regulator
This example is a variation of the buck−boost topology
and is called a negative boost regulator. This regulator
experiences relatively high switch current, especially at low
input voltages. The internal switch current limiting results in
lower output load current capability.
The circuit in Figure 29 shows the negative boost
configuration. The input voltage in this application ranges
from −5.0 V to −12 V and provides a regulated −12 V output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com