Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R12W2T4 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # FS75R12W2T4
Description  EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R12W2T4 Datasheet(HTML) 3 Page - Infineon Technologies AG

  FS75R12W2T4 Datasheet HTML 1Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 2Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 3Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 4Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 5Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 6Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 7Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 8Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Technische Information / technical information
FS75R12W2T4
IGBT-Module
IGBT-modules
prepared by: DK
approved by: MB
date of publication: 2009-10-30
revision: 2.3
Vorläufige Daten
preliminary data
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
Periodische Spitzensperrspannung
repetitive peak reverse voltage
TÝÎ = 25°C
Vçç¢
1200
V
Dauergleichstrom
DC forward current
IŒ
75
A
Periodischer Spitzenstrom
repetitive peak forward current
t« = 1 ms
IŒç¢
150
A
Grenzlastintegral
I²t - value
Vç = 0 V, t« = 10 ms, TÝÎ = 125°C
Vç = 0 V, t« = 10 ms, TÝÎ = 150°C
I²t
1050
985
A²s
A²s
Charakteristische Werte / characteristic values
min.
typ.
max.
Durchlassspannung
forward voltage
IŒ = 75 A, V•Š = 0 V
IŒ = 75 A, V•Š = 0 V
IŒ = 75 A, V•Š = 0 V
VŒ
1,70
1,65
1,65
2,15
V
V
V
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Rückstromspitze
peak reverse recovery current
IŒ = 75 A, - diŒ/dt = 2800 A/ s (TÝÎ=150°C)
Vç = 600 V
V•Š = -15 V
Iç¢
115
120
125
A
A
A
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Sperrverzögerungsladung
recovered charge
IŒ = 75 A, - diŒ/dt = 2800 A/ s (TÝÎ=150°C)
Vç = 600 V
V•Š = -15 V
QØ
8,60
14,0
16,0
C
C
C
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Abschaltenergie pro Puls
reverse recovery energy
IŒ = 75 A, - diŒ/dt = 2800 A/ s (TÝÎ=150°C)
Vç = 600 V
V•Š = -15 V
EØþÊ
2,60
4,50
5,50
mJ
mJ
mJ
TÝÎ = 25°C
TÝÎ = 125°C
TÝÎ = 150°C
Innerer Wärmewiderstand
thermal resistance, junction to case
pro Diode / per diode
RÚÌœ†
0,55
0,65
K/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
pro Diode / per diode
ð«ÈÙÚþ = 1 W/(m·K) /
ðÃØþÈÙþ = 1 W/(m·K)
RÚ̆™
0,75
K/W
NTC-Widerstand / NTC-thermistor
Charakteristische Werte / characteristic values
min.
typ.
max.
Nennwiderstand
rated resistance
T† = 25°C
Rèë
5,00
kÂ
Abweichung von Ræåå
deviation of Ræåå
T† = 100°C, Ræåå = 493 Â
ÆR/R
-5
5
%
Verlustleistung
power dissipation
T† = 25°C
Pèë
20,0
mW
B-Wert
B-value
Rè = Rèë exp [Bèëõëå(1/Tè - 1/(298,15 K))]
Bèëõëå
3375
K
B-Wert
B-value
Rè = Rèë exp [Bèëõîå(1/Tè - 1/(298,15 K))]
Bèëõîå
3411
K
B-Wert
B-value
Rè = Rèë exp [Bèëõæåå(1/Tè - 1/(298,15 K))]
Bèëõæåå
3433
K
Angaben gemäß gültiger Application Note.
Specification according to the valid application note.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com