Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R12W2T4 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # FS75R12W2T4
Description  EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R12W2T4 Datasheet(HTML) 7 Page - Infineon Technologies AG

  FS75R12W2T4 Datasheet HTML 1Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 2Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 3Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 4Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 5Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 6Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 7Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 8Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Technische Information / technical information
FS75R12W2T4
IGBT-Module
IGBT-modules
prepared by: DK
approved by: MB
date of publication: 2009-10-30
revision: 2.3
Vorläufige Daten
preliminary data
Schaltverluste Diode-Wechselr. (typisch)
Schaltverluste Diode-Wechselr. (typisch)
Schaltverluste Diode-Wechselr. (typisch)
Schaltverluste Diode-Wechselr. (typisch)
switching losses diode-inverter (typical)
switching losses diode-inverter (typical)
switching losses diode-inverter (typical)
switching losses diode-inverter (typical)
EØþÊ = f (IŒ)
EØþÊ = f (IŒ)
EØþÊ = f (IŒ)
EØþÊ = f (IŒ)
R•ÓÒ = 2.2 Â, V†Š = 600 V
R•ÓÒ = 2.2 Â, V†Š = 600 V
R•ÓÒ = 2.2 Â, V†Š = 600 V
R•ÓÒ = 2.2 Â, V†Š = 600 V
IŒ [A]
0 15 30 45 60 75 90 105 120 135 150
0
1
2
3
4
5
6
7
8
EØþÊ, TÝÎ = 125°C
EØþÊ, TÝÎ = 150°C
Schaltverluste Diode-Wechselr. (typisch)
Schaltverluste Diode-Wechselr. (typisch)
Schaltverluste Diode-Wechselr. (typisch)
Schaltverluste Diode-Wechselr. (typisch)
switching losses diode-inverter (typical)
switching losses diode-inverter (typical)
switching losses diode-inverter (typical)
switching losses diode-inverter (typical)
EØþÊ = f (R•)
EØþÊ = f (R•)
EØþÊ = f (R•)
EØþÊ = f (R•)
IŒ = 75 A, V†Š = 600 V
IŒ = 75 A, V†Š = 600 V
IŒ = 75 A, V†Š = 600 V
IŒ = 75 A, V†Š = 600 V
R• [Â]
0 2 4 6 8 10 12 14 16 18 20 22
0
1
2
3
4
5
6
7
8
EØþÊ, TÝÎ = 125°C
EØþÊ, TÝÎ = 150°C
Transienter Wärmewiderstand Diode-Wechselr.
Transienter Wärmewiderstand Diode-Wechselr.
Transienter Wärmewiderstand Diode-Wechselr.
Transienter Wärmewiderstand Diode-Wechselr.
transient thermal impedance diode-inverter
transient thermal impedance diode-inverter
transient thermal impedance diode-inverter
transient thermal impedance diode-inverter
ZÚÌœ™ = f (t)
ZÚÌœ™ = f (t)
ZÚÌœ™ = f (t)
ZÚÌœ™ = f (t)
t [s]
0,001
0,01
0,1
1
10
0,01
0,1
1
10
ZÚÌœ™ : Diode
i:
rÍ[K/W]:
Í[s]:
1
0,059
0,0005
2
0,137
0,005
3
0,502
0,05
4
0,602
0,2
τ
NTC-Temperaturkennlinie (typisch)
NTC-Temperaturkennlinie (typisch)
NTC-Temperaturkennlinie (typisch)
NTC-Temperaturkennlinie (typisch)
NTC-temperature characteristic (typical)
NTC-temperature characteristic (typical)
NTC-temperature characteristic (typical)
NTC-temperature characteristic (typical)
R = f (T)
R = f (T)
R = f (T)
R = f (T)
T† [°C]
0 10 20 30 40 50 60 70 80 90 100110120130140
100
1000
10000
100000
RÚáÔ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com