Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R12W2T4 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # FS75R12W2T4
Description  EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R12W2T4 Datasheet(HTML) 4 Page - Infineon Technologies AG

  FS75R12W2T4 Datasheet HTML 1Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 2Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 3Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 4Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 5Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 6Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 7Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 8Page - Infineon Technologies AG FS75R12W2T4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Technische Information / technical information
FS75R12W2T4
IGBT-Module
IGBT-modules
prepared by: DK
approved by: MB
date of publication: 2009-10-30
revision: 2.3
Vorläufige Daten
preliminary data
Modul / module
Isolations-Prüfspannung
insulation test voltage
RMS, f = 50 Hz, t = 1 min.
V𻥡
2,5
kV
Material für innere Isolation
material for internal insulation
AlèOé
Kriechstrecke
creepage distance
Kontakt - Kühlkörper / terminal to heatsink
Kontakt - Kontakt / terminal to terminal
11,5
6,3
mm
Luftstrecke
clearance distance
Kontakt - Kühlkörper / terminal to heatsink
Kontakt - Kontakt / terminal to terminal
10,0
5,0
mm
Vergleichszahl der Kriechwegbildung
comparative tracking index
CTI
> 200
min.
typ.
max.
Modulinduktivität
stray inductance module
LÙ†Š
40
nH
Modulleitungswiderstand,
Anschlüsse - Chip
module lead resistance,
terminals - chip
T† = 25°C, pro Schalter / per switch
R††óôŠŠó
4,00
mÂ
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Wechselrichter, Brems-Chopper / Inverter, Brake-Chopper
TÝÎ ÑÈà
175
°C
Temperatur im Schaltbetrieb
temperature under switching conditions
Wechselrichter, Brems-Chopper / Inverter, Brake-Chopper
TÝÎ ÓÔ
-40
150
°C
Lagertemperatur
storage temperature
TÙÚÃ
-40
125
°C
Anpresskraft für mech. Bef. pro Feder
mountig force per clamp
F
40
-
80
N
Gewicht
weight
G
39
g
Der Strom im Dauerbetrieb ist auf 30 A effektiv pro Anschlusspin begrenzt.
The current under continuous operation is limited to 30 A rms per connector pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com