Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9S08QD2CSC Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 17Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 18Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 19Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 20Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 21Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 22Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 23Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 24Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 198 page
background image
Chapter 2 External Signal Description
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
21
2.2.2
Oscillator
Out of reset the MCU uses an internally generated clock provided by the internal clock source (ICS)
module. The internal frequency is nominally 16 MHz and the default ICS settings will provide for a 4 MHz
bus out of reset. For more information on the ICS, see the Internal Clock Source chapter.
2.2.3
Reset (Input Only)
After a power-on reset (POR) into user mode, the PTA5/TPM2CH0I/IRQ/RESET pin defaults to a
general-purpose input port pin, PTA5. Setting RSTPE in SOPT1 configures the pin to be the RESET input
pin. Once configured as RESET, the pin will remain RESET until the next POR. The RESET pin can be
used to reset the MCU from an external source when the pin is driven low. When enabled as the RESET
pin (RSTPE = 1), an internal pullup device is automatically enabled.
After a POR into active background mode, the PTA5/TPM2CH0I/IRQ/RESET pin defaults to the RESET
pin.
When TPM2 is configured for input capture, the pin will be the input capture pin TPM2CH0I.
NOTE
This pin does not contain a clamp diode to VDD and must not be driven
above VDD.
The voltage measured on the internally pulled up RESET pin may be as low
as VDD – 0.7 V. The internal gates connected to this pin are pulled to VDD.
2.2.4
Background / Mode Select (BKGD/MS)
During a power-on-reset (POR) or background debug force reset (see Section 5.8.3, “System Background
Debug Force Reset Register (SBDFR)” for more information), the PTA4/TPM2CH0O/BKGD/MS pin
functions as a mode select pin. Immediately after any reset, the pin functions as the background pin and
can be used for background debug communication. When enabled as the BKGD/MS pin (BKGDPE = 1),
an internal pullup device is automatically enabled.
The background debug communication function is enabled when BKGDPE in SOPT1 is set. BKGDPE is
set following any reset of the MCU and must be cleared to use the PTA4/TPM2CH0O/BKGD/MS pins
alternative pin functions.
If nothing is connected to this pin, the MCU will enter normal operating mode at the rising edge of the
internal reset after a POR or force BDC reset. If a debug system is connected to the 6-pin standard
background debug header, it can hold BKGD/MS low during a POR or immediately after issuing a
background debug force reset, which will force the MCU to active background mode.
The BKGD pin is used primarily for background debug controller (BDC) communications using a custom
protocol that uses 16 clock cycles of the target MCU’s BDC clock per bit time. The target MCU’s BDC
clock could be as fast as the maximum bus clock rate, so there must never be any significant capacitance
connected to the BKGD/MS pin that could interfere with background serial communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com